công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LCL71C03ACPL bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện LCL71C03ACPL
Giải thích chi tiết về linh kiện  Precision 4 1/2 Digit, A/D Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL71C03ACPL bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  LCL71C03ACPL Datasheet HTML 1Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 2Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 3Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 4Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 5Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 6Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 7Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 8Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Absolute Maximum Ratings
Thermal Information
ICL8052A, ICL8068A
Supply Voltage . .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. ..
±18V
Differential Input Voltage
(8068A). .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. ..
±30V
(8052A). .. .. .. .. .. ... .. .. .. .. .. .. .. .. .. ... .. .. .. .
±6V
Input Voltage (Note 1) . ... .. .. .. .. .. .. .. .. .. ... .. .. ..
±15V
Output Short Circuit Duration All Outputs (Note 2) . . . . . . Indefinite
ICL71C03
Power Supply Voltage (GND to V+). .. .. .. .. .. .. . . . . . . . . . 6.5V
Negative Supply Voltage (GND to V-) .. .. .. .. .. ... .. .. .. .-17V
Analog InputVoltage (Note 3) . .. .. .. .. .. .. .. .. . . . . . . V+ to V-
Digital Input Voltage (Note 4) . . . . . . . . .(GND - 0.3V) to (V+ + 0.3V)
Operating Conditions
Temperature Range . . . ... .. .. .. .. .. .. .. .. .. ... . 0oCto 70oC
Thermal Resistance (Typical, Note 5)
θJA (oC/W)
θJC (oC/W)
CERDIP Package. . . . ... .. .. .. .. ..
75
20
14 Ld PDIP Package . ... .. .. .. .. ..
100
N/A
28 Ld PDIP Package . ... .. .. .. .. ..
65
N/A
Maximum Storage Temperature. .. .. .. .. .. .. .. . -65oCto 150oC
Maximum Lead Temperature (Soldering, 10s). .. .. ... .. .. . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationof the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
2. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
3. Short circuit may be to ground or either supply. Rating applies to 70oC ambient temperature.
4. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
5. Connecting any digital inputs or outputs to voltages greater then V+ or less than GND may cause destructive device latchup. For this reason it
is recommended that the power supply to the ICL71C03 be established before any inputs from sources not on that supply are applied.
6.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Clock In, Run/Hold, 4 1/2/ 31/2
IINL
VIN =0
-
0.2
0.6
mA
IINH
VIN = +5V
-
0.1
10
µA
Comp. In Current
IINL
VIN =0
-
0.1
10
µA
IINH
VIN = +5V
-
0.1
10
µA
Threshold Voltage
VINTH
-2.5
-
V
All Outputs
VOL
IOL = 1.6mA
-
0.25
0.40
V
B1,B2,B4,B8,D1,D2,D3,D4,D5
VOH
IOH =-1mA
2.4
4.2
-
V
Busy, Strobe, Over-Range, Under-Range Polarity
VOH
IOH =-10µA4.9
4.99
-
V
Switches 1, 3, 4, 5, 6
rDS(ON)
-400
-
Ω
Switch 2
rDS(ON)
-1200
-
Ω
Switch Leakage (All)
ID(OFF)
-2
-
pA
+5V Supply Range
V+
4
5
6
V
-15V Supply Range
V-
-5
-15
-18
V
+5V Supply Current
I+
fCLK =0
-
1.1
3
mA
-15V Supply Current
I-
fCLK =0
-
0.8
3
mA
Power Dissipation Capacitance
CPD
vs Clock Frequency
-
40
-
pF
Clock Frequency (Note 6)
DC
2000
1200
kHz
NOTE:
7. This specification relates to the clock frequency range over which the ICL71C03A will correctly perform its various functions. See the “Max Clock
Frequency” section under Component Value Selection for limitations on the clock frequency range in a system.
ICL8052A/ICL71C03, ICL8068A/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com