công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS280DF810ABVR bảng dữ liệu(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS280DF810ABVR
Giải thích chi tiết về linh kiện  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVR bảng dữ liệu(HTML) 32 Page - Texas Instruments

Back Button DS280DF810ABVR Datasheet HTML 28Page - Texas Instruments DS280DF810ABVR Datasheet HTML 29Page - Texas Instruments DS280DF810ABVR Datasheet HTML 30Page - Texas Instruments DS280DF810ABVR Datasheet HTML 31Page - Texas Instruments DS280DF810ABVR Datasheet HTML 32Page - Texas Instruments DS280DF810ABVR Datasheet HTML 33Page - Texas Instruments DS280DF810ABVR Datasheet HTML 34Page - Texas Instruments DS280DF810ABVR Datasheet HTML 35Page - Texas Instruments DS280DF810ABVR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
ASIC
FPGA
X8
25 G / 28 G-LR
X8
25 G / 28 G - LR
Backplane /
Midplane
ASIC
FPGA
DS280DF810
DS280DF810
25 G / 28 G - LR
25 G / 28 G - VSR
x8
x8
Optical
Optical
CFP-2/QSFP28
Switch Fabric
Line Card
x8 25 G / 28 G
Active Copper
Active Copper
DS280DF810
DS280DF810
CFP-2/QSFP28
32
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The DS280DF810 is a high-speed retimer which extends the reach of differential channels and cleans jitter and
other signal impairments in the process. It can be deployed in a variety of different systems from backplanes to
front ports to active cable assemblies. The following sections outline typical applications and their associated
design considerations.
9.2 Typical Application
The DS280DF810 is typically used in the following application scenarios:
1. Backplane and Mid-Plane Reach Extension Application
2. Front-Port Jitter Cleaning Application
Figure 15. Typical uses for the DS280DF810 in a system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51