công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP4710LCFQL bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DLP4710LCFQL
Giải thích chi tiết về linh kiện  DLP4710LC 0.47 1080p DMD
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710LCFQL bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button DLP4710LCFQL Datasheet HTML 4Page - Texas Instruments DLP4710LCFQL Datasheet HTML 5Page - Texas Instruments DLP4710LCFQL Datasheet HTML 6Page - Texas Instruments DLP4710LCFQL Datasheet HTML 7Page - Texas Instruments DLP4710LCFQL Datasheet HTML 8Page - Texas Instruments DLP4710LCFQL Datasheet HTML 9Page - Texas Instruments DLP4710LCFQL Datasheet HTML 10Page - Texas Instruments DLP4710LCFQL Datasheet HTML 11Page - Texas Instruments DLP4710LCFQL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
DLP4710LC
DLPS178 – MAY 2020
www.ti.com
Product Folder Links: DLP4710LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device is not implied at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure above or below the Recommended Operating Conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the ground terminals (VSS). The following power supplies are all required to operate the DMD:
VDD, VDDI, VOFFSET, VBIAS, and VRESET. All VSS connections are also required.
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable absolute voltage difference between VDDI and VDD may result in excessive current draw.
(5)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current
draw.
(6)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VRESET may result in excessive current draw.
(7)
This maximum input voltage rating applies when each input of a differential pair is at the same voltage potential. Sub-LVDS differential
inputs must not exceed the specified limit or damage may result to the internal termination resistors.
(8)
The highest temperature of the active array (as calculated by the Micromirror Array Temperature Calculation) or of any point along the
Window Edge as defined in Figure 19. The locations of thermal test points TP2, TP3, TP4, and TP5 in Figure 19 are intended to
measure the highest window edge temperature. If a particular application causes another point on the window edge to be at a higher
temperature, that point should be used.
(9)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 19. The window test points TP2, TP3, TP4, and TP5 shown in Figure 19 are intended to result in the worst case delta. If a
particular application causes another point on the window edge to result in a larger delta temperature, that point should be used.
6 Specifications
6.1 Absolute Maximum Ratings
see
(1)
MIN
MAX
UNIT
Supply voltage
VDD
Supply voltage for LVCMOS core logic(2)
Supply voltage for LPSDR low speed interface
–0.5
2.3
V
VDDI
Supply voltage for SubLVDS receivers(2)
–0.5
2.3
V
VOFFSET
Supply voltage for HVCMOS and micromirror electrode(2) (3)
–0.5
11
V
VBIAS
Supply voltage for micromirror electrode(2)
–0.5
19
V
VRESET
Supply voltage for micromirror electrode(2)
–15
0.5
V
| VDDI–VDD |
Supply voltage delta (absolute value)(4)
0.3
V
|
VBIAS–VOFFS
ET |
Supply voltage delta (absolute value)(5)
11
V
|
VBIAS–VRESE
T |
Supply voltage delta (absolute value)(6)
34
V
Input voltage
Input voltage for other inputs LPSDR(2)
–0.5
VDD +
0.5
V
Input voltage for other inputs SubLVDS (2) (7)
–0.5
VDDI +
0.5
V
Input pins
| VID |
SubLVDS input differential voltage (absolute value)(7)
810
mV
IID
SubLVDS input differential current
10
mA
Clock frequency
ƒclock
Clock frequency for low speed interface LS_CLK
130
MHz
ƒclock
Clock frequency for high speed interface DCLK
620
MHz
Environmental
TARRAY and
TWINDOW
Temperature – operational (8)
–20
90
°C
Temperature – non-operational(8)
–40
90
°C
TDP
Dew Point Temperature - operating and non-operating (non-
condensing)
81
°C
|TDELTA|
Absolute Temperature delta between any point on the window edge
and the ceramic test point TP1(9)
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com