công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RPMB-2.0 bảng dữ liệu(PDF) 1 Page - Recom International Power

tên linh kiện RPMB-2.0
Giải thích chi tiết về linh kiện  2 Amp Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMB-2.0 bảng dữ liệu(HTML) 1 Page - Recom International Power

  RPMB-2.0 Datasheet HTML 1Page - Recom International Power RPMB-2.0 Datasheet HTML 2Page - Recom International Power RPMB-2.0 Datasheet HTML 3Page - Recom International Power RPMB-2.0 Datasheet HTML 4Page - Recom International Power RPMB-2.0 Datasheet HTML 5Page - Recom International Power RPMB-2.0 Datasheet HTML 6Page - Recom International Power RPMB-2.0 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.recom-power.com
REV.: 0/2020
RPMB-1
DC/DC Converter
YEAR
arrant
3
EVAL
BOARD
available
YEAR
arrant
3
Description
The RPMB-2.0 series is a 2A non-isolated SMD switching regulator power module with up to 36V input
voltage. Despite its compact LGA footprint and low profile (12.2x12.2x3.75mm), it offers a full set of
features including adjustable output from 1V up to 24V, on/off control, sense and power good output
signals. With an efficiency of up to 94% which remains nearly constant over a 5% to 100% load range,
the device can operate at ambient temperatures as high as +100°C without forced air cooling. The
package is complete with 6-sided shielding for optimal EMC performance and excellent heat manage-
ment. The fully protected module (UVLO, SCP, OCP, OTP) can drive high capacitive loads of up to 0.2F.
2 Amp
Single
Output
RPMB-2.0
Features
Power
Module
• 36V 2A SMD Power Module
• High power density in 12.2x12.2x3.75mm case
• -40°C to +100°C with derating, convection cooled
• Efficiency up to 94%
• 6-sided shielding
• Thermally enhanced 25 pad LGA package (DOSA
conform)
Model Numbering
Notes:
Note2: Add suffix “-CT” for tube packaging; for more details refer to
“PACKAGING INFORMATION“
without suffix, standard tape and reel packaging
Notes:
Note3: 4.7µF/50V/X7R input cap required
Packaging (2)
Output Voltage
max. Output Current
RPMB__-2.0-__
EN55032 compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
REACH
compliant
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS
RoHS 22++
compliant
compliant
10 from 10
10 from 10
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
capacitor
Input Voltage Range (4)
3.3Vout
5.0Vout
12Vout
15Vout
4VDC
5.5VDC
12.8VDC
16VDC
24VDC
(nominal)
36VDC
Absolute Maximum Input Voltage
38VDC
Input Current
nom. Vin= 24VDC
3.3Vout
5.0Vout
12Vout
15Vout
0.3A
0.5A
1A
1.3A
continued on next page
Specifications (@ Ta= 25°C, nom. Vin, full load, with input cap (3), after warm-up unless otherwise stated)
Part
Number
Input Voltage
Range
[VDC]
Output
Voltage
[VDC]
Vout
Adjust Range
[VDC]
Output
Current max.
[A]
Efficiency
typ.
[%]
Max Capacitive
typ. Load (1)
[µF]
RPMB3.3-2.0
4-36
3.3
1-9
2.0
84
200000
RPMB5.0-2.0
5.5-36
5
1-9
2.0
88
200000
RPMB12-2.0
12.8-36
12
9-24
2.0
93
10000
RPMB15-2.0
16-36
15
9-24
2.0
94
8000
Selection Guide
Notes:
Note1: Max. Capacitive Load is tested at nominal input, nominal output, and full resistive load, below 1
second start-up
EVAL
BOARD
available
www.recom-power.com/eval-ref-boards


Số phần tương tự - RPMB-2.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
More results

Mô tả tương tự - RPMB-2.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
R-78A1.5-0.5SMD RECOM-R-78A1.5-0.5SMD Datasheet
114Kb / 5P
0.5 AMP SMD Single Output
R-78B1.5-1.5 RECOM-R-78B1.5-1.5 Datasheet
98Kb / 4P
1.5 AMP SIP3 Single Output
R-78-1.0 RECOM-R-78-1.0 Datasheet
99Kb / 3P
1.0 AMP SIP3 Single Output
RBB10-2.0 RECOM-RBB10-2.0 Datasheet
1Mb / 6P
2 Amp Single Output
RPM-1.0 RECOM-RPM-1.0 Datasheet
1Mb / 8P
1 Amp Single Output
RPM-2.0 RECOM-RPM-2.0 Datasheet
1Mb / 8P
2 Amp Single Output
RPM-3.0 RECOM-RPM-3.0 Datasheet
1Mb / 8P
3 Amp Single Output
RPM-6.0 RECOM-RPM-6.0 Datasheet
1Mb / 8P
6 Amp Single Output
RPMB-3.0 RECOM-RPMB-3.0 Datasheet
728Kb / 7P
3 Amp Single Output
RPMH-1.5 RECOM-RPMH-1.5 Datasheet
1Mb / 10P
1.5 Amp Single Output
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com