| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE5014 bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5014 bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG |
|
6 / 45 page ![]() Final Datasheet 6 Rev. 1.0 2018-04-04 TLE5014 Functional Description 1 Functional Description 1.1 Block Diagram Filter Filter ADC_X XMR_X XMR_Y PMU Clock ADC_Y EEPROM Interface SPC SENT PWM (SICI) ISM_SAF Safety CORDIC (Software) Temp. VDD Out GND Angle Compare ISM_ALG CORDIC (Hardware ) ADC_T Figure 1-1 TLE5014 block diagram 1.2 Functional Block Description Internal Power Supply (PMU) The internal blocks of the TLE5014 are supplied from several voltage regulators: • GMR Voltage Regulator, VRS • Analog Voltage Regulator, VRA • Digital Voltage Regulator, VRD These regulators are directly connected to the supply voltage VDD. Oscillator and PLL (Clock) The digital clock of the TLE5014 is given by the Phase-Locked Loop (PLL), which is fed by an internal oscillator. SD-ADC The Sigma-Delta Analog-Digital-Converters (SD-ADC) transform the analog GMR voltages and temperature voltage into the digital domain. Digital Signal Processing Unit ISM_ALG The Digital Signal Processing Unit ISM_ALG contains the: • Intelligent State Machine (ISM), which does error compensation of offset, offset temperature drift, amplitude synchronicity and orthogonality of the raw signals from the GMR bridges. • COordinate Rotation DIgital Computer (CORDIC), which contains the trigonometric function for angle calculation |