công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74HCS74DR bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74HCS74DR
Giải thích chi tiết về linh kiện  SN74HCS74 Schmitt-Trigger Input Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS74DR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button SN74HCS74DR Datasheet HTML 9Page - Texas Instruments SN74HCS74DR Datasheet HTML 10Page - Texas Instruments SN74HCS74DR Datasheet HTML 11Page - Texas Instruments SN74HCS74DR Datasheet HTML 12Page - Texas Instruments SN74HCS74DR Datasheet HTML 13Page - Texas Instruments SN74HCS74DR Datasheet HTML 14Page - Texas Instruments SN74HCS74DR Datasheet HTML 15Page - Texas Instruments SN74HCS74DR Datasheet HTML 16Page - Texas Instruments SN74HCS74DR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Time (100 Ps/div)
D001
D001
Vout
Vin
13
SN74HCS74
www.ti.com
SCLS782A – NOVEMBER 2019 – REVISED MAY 2020
Product Folder Links: SN74HCS74
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Application (continued)
as defined in the Timing Characteristics.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
–
Input signals to Schmitt-trigger inputs, like those found on the HCS family of devices, can support
unlimited edge rates.
–
Input thresholds are listed in the Electrical Characteristics.
–
Inputs include positive clamp diodes. Input voltages can exceed the device's supply so long as the clamp
current ratings are observed from the Absolute Maximum Ratings. Do not exceed the absolute maximum
voltage rating of the device or it could be damaged.
2. Recommended Output Conditions:
–
Load currents should not exceed the value listed in the Absolute Maximum Ratings.
–
Series resistors on the output may be used if the user desires to slow the output edge signal or limit the
output current.
3. Recommended Circuit Design Procedure:
–
For proper startup, the debounce circuit should have a much smaller delay than the power on reset
circuit, 10R2C1< R3C3.
–
To perform a trigger on press instead of trigger on release, the button can be connected from Vcc to the
input and R1 can be connected from the input to the GND.
9.2.3 Application Curve
Figure 13 illustrates an example of a single button press bouncing and causing the output to toggle multiple
times. This will cause issues in the desired application. Figure 14 illustrates 4 button presses with an added
debounce circuit, fixing the unwanted toggling and allowing for proper toggle switch operation.
Figure 13. Circuit response without RC debounce
Vin := CLK input, Vout := Q output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com