công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP0508BACT bảng dữ liệu(PDF) 1 Page - Littelfuse

tên linh kiện SP0508BACT
Giải thích chi tiết về linh kiện  Silicon Protection Circuits - TVS Avalanche Diode Array in a Unipolar Chip Scale Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITTELFUSE [Littelfuse]
Trang chủ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0508BACT bảng dữ liệu(HTML) 1 Page - Littelfuse

  SP0508BACT Datasheet HTML 1Page - Littelfuse SP0508BACT Datasheet HTML 2Page - Littelfuse SP0508BACT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5
Silicon Protection Circuits
199
www .littelfuse .com
TVS Avalanche Diode Array in a Unipolar Chip Scale Package
SP0504BAC, SP0508BAC, SP0516BAC
This family of avalanche diode arrays are designed for ESD protection
and offered in an ultra small chip scale package.
The multi-channel devices are used to help protect sensitive digital or
analog input circuits on data, signal, or control lines with unipolar voltage
levels up to 5VDC.
The state-of-the-art structure is designed to suppress ESD and other
transient over-voltage events to meet the International Electrotechnical
Compatability (EMC transient immunity stantards IEC 61000-4-2 for
Electrostatic Discharge Requirements).
The monolithic silicon devices are comprised of specially designed
structures for transient voltage suppression (TVS). The size and
shape of these structures has been tailored for transient protection.
The low capacitance and clamp voltage are ideal for high speed signal
line protection.
Ordering Information
NOTE: Bump pitch is 0.65mm
Schematic
Features
• An Array of 4, 8 and 16 Avalanche Diodes in a ultra small Chip Scale
Package (.65mm bump pitch)
• ESD Capability per HBM Standards
- IEC 61000-4-2, Direct Discharge...............................25kV (Level 4)
- IEC 61000-4-2, Air Discharge....................................30kV (Level 4)
- MIL STD 833D (Method 3015.7) ..............................................30kV
• Signal line protection for applications up to 5VDC
• Fast response time...........................................................................< 1ns
• Low input capacitance ..........................................................39pF Typical
• Low clamp voltage ..................................................................12V Typical
• Low input leakage .....................................................................10uA Max
• Operating temperature range ............................................- 40°C to 85°C
Applications
• Cell phone handsets
• Personal Digital Assistants (PDA)
• Portable handheld equipment (Laptop, Palmtop computers)
• Computer port, keyboard (USB1.1)
• Set-Top Box (Audio and Video Ports)
• PCMCIA cards
PART
NUMBER
SP0504BACT
SP0508BACT
SP0516BACT
QUANTITY
PER REEL
3500
3500
3500
CS PACKAGE
SIZE (MM)
1.804 x 1.154
3.104 x 1.154
3.104 x 2.454
DIODE
CHANNELS
4
8
16
BUMPS
6
10
20
B1
B2
B3
A1
A2
A3
D1
D2
D3
D4
D5
C1
C2
C3
C4
C5
B1
B2
B3
B4
B5
A1
A2
A3
A4
A5
R1
R2
R3
R4
R5
A1
A2
A3
A4
A5
SP0504BAC
SP0516BAC
SP0508BAC
NEW
Next
Previous


Số phần tương tự - SP0508BACT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SP0508BAC LITTELFUSE-SP0508BAC Datasheet
352Kb / 6P
TVS Avalanche Diode Array in a Unipolar Chip Scale Package
More results

Mô tả tương tự - SP0508BACT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Littelfuse
SP0501BACT LITTELFUSE-SP0501BACT Datasheet
186Kb / 3P
TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
SP0502AAHT LITTELFUSE-SP0502AAHT Datasheet
199Kb / 4P
Silicon Protection Circuits - TVS Rail Clamp Array in a Surface Mount Package
SP0504BBCT LITTELFUSE-SP0504BBCT Datasheet
172Kb / 3P
SP0504BBCT - TVS Avalanche Diode Array in a Bipolar Chip Scale Package
SP0506CAAT LITTELFUSE-SP0506CAAT Datasheet
171Kb / 3P
Silicon Protection Circuits - TVS Rail Clamp Diode Array with an Avalanche Diode
logo
ON Semiconductor
CM1205 ONSEMI-CM1205 Datasheet
188Kb / 8P
8-Channel ESD Protection Array in Chip Scale Package
April 2010 ??Rev. 3
logo
Protek Devices
CSP040605C PROTEC-CSP040605C_11 Datasheet
541Kb / 8P
200w chip scale tvs array
logo
Infineon Technologies A...
ESD200-B1-CSP0201 INFINEON-ESD200-B1-CSP0201_15 Datasheet
1Mb / 16P
Low Clamping Voltage TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.0, 2013-05-21
ESD108-B1-CSP0201 INFINEON-ESD108-B1-CSP0201 Datasheet
867Kb / 17P
Ultra Low Capacitance TVS Diode in a Thin 0201 Chip Scale Package
Revision 1.3, 2015-01-19
logo
ON Semiconductor
CM1205 ONSEMI-CM1205_11 Datasheet
115Kb / 5P
8-Channel ESD Protection Array in Chip Scale Package
January, 2011 ??Rev. 4
logo
Littelfuse
SP0504BAC LITTELFUSE-SP0504BAC Datasheet
352Kb / 6P
TVS Avalanche Diode Array in a Unipolar Chip Scale Package
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com