công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDG6316P bảng dữ liệu(PDF) 2 Page - VBsemi Electronics Co.,Ltd

tên linh kiện FDG6316P
Giải thích chi tiết về linh kiện  Dual P-Channel 20 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

FDG6316P bảng dữ liệu(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  FDG6316P Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd FDG6316P Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd FDG6316P Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd FDG6316P Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd FDG6316P Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd FDG6316P Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd FDG6316P Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
V
DS/TJ
ID = - 250 µA
- 17
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
3.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = - 250 µA
- 0.5
- 1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS - 5 V, VGS = - 4.5V
- 8
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5V, ID = - 2.5 A
0.
VGS = - 2.5 V, ID = - 1 A
0.
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 2.6 A
5S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
210
pF
Output Capacitance
Coss
45
Reverse Transfer Capacitance
Crss
33
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 4.5 V, ID= - 2.6 A
5.2
8
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 2.6 A
2.7
4
Gate-Source Charge
Qgs
0.94
Gate-Drain Charge
Qgd
1.3
Gate Resistance
Rg
f = 1 MHz
2
7
14
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 7.1 
ID  - 2.1 A, VGEN = - 4.5 V, Rg = 1 
39
59
ns
Rise Time
tr
25
38
Turn-Off Delay Time
td(off)
13
20
Fall Time
tf
918
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 7.1 
ID  - 2.1 A, VGEN = - 4.5 V, Rg= 1 
510
Rise Time
tr
10
20
Turn-Off Delay Time
td(off)
14
21
Fall Time
tf
714
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
1.17
A
Pulse Diode Forward Current
ISM
8
Body Diode Voltage
VSD
IS = - 2.1 A, VGS 0 V
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 2.1 A, dI/dt = 100 A/µs, TJ = 25 °C
13
20
ns
Body Diode Reverse Recovery Charge
Qrr
612
nC
Reverse Recovery Fall Time
ta
9
ns
Reverse Recovery Rise Time
tb
4
15
5
23
5
FDG6316P
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
2



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com