| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VPN12AD1E-FU bảng dữ liệu(PDF) 9 Page - Cyntec Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
VPN12AD1E-FU bảng dữ liệu(HTML) 9 Page - Cyntec Co., Ltd. |
|
9 / 12 page ![]() Rev.P6 9 VPN12AD1E-FU APPLICATIONS INFORMATION: (Cont.) RECOMMENDATION LAYOUT GUIDE: In order to achieve stable, low losses, less noise or spike, and good thermal performance some layout considerations are necessary. The recommendation layout is shown as Figure 10. 1. The ground connection between pin 1~3, 9~13, 44~49, 56~60 should be a solid ground plane under the module. It can be connected one or more ground plane by using several Vias. 2. Place ceramic capacitors between pin 50 ~ 56 (VIN), and pin 1~3, 57~60 (GND) for input side; and pin 27 ~ 42 (VOUT), and pin 44~49 (GND) for output side, as close to module as possible to minimize high frequency noise. 3. Keep the RFBH and RFBL connection trace to the module pin 43 (FB) shortly. 4. Use large copper area for power path (VIN, VOUT, and GND) to minimize the conduction loss and enhance heat transferring. Also, use multiple Vias to connect power planes in different layer. 5. Bottom layer layout with Continuous ground plane for good EMI design. FIG.10 Recommendation TOP Layout FIG.11 Recommendation Bottom Layout |