công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CYNVC-201-030 bảng dữ liệu(PDF) 4 Page - Cyntec Co., Ltd.

tên linh kiện CYNVC-201-030
Giải thích chi tiết về linh kiện  Power Choke Coil VCHW054T MS5 type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYNTEC [Cyntec Co., Ltd.]
Trang chủ  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

CYNVC-201-030 bảng dữ liệu(HTML) 4 Page - Cyntec Co., Ltd.

  CYNVC-201-030 Datasheet HTML 1Page - Cyntec Co., Ltd. CYNVC-201-030 Datasheet HTML 2Page - Cyntec Co., Ltd. CYNVC-201-030 Datasheet HTML 3Page - Cyntec Co., Ltd. CYNVC-201-030 Datasheet HTML 4Page - Cyntec Co., Ltd. CYNVC-201-030 Datasheet HTML 5Page - Cyntec Co., Ltd. CYNVC-201-030 Datasheet HTML 6Page - Cyntec Co., Ltd. CYNVC-201-030 Datasheet HTML 7Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Jan., 2020
DOCUMENT
: CYNVC-201-030
REVISION
: A0
PAGE
: 4 OF 7
Specifications
Part Number
L0 ◇
Inductance
(
H )
@ (0A)
Rdc ( m) ◇
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
VCHW054T-R47MS5
0.47
4.20
5.04
14.5
13.1
14.2
12.2
◇:
Significant Characteristic
* :If you require another part number please contact with us.
**:Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:100KHz, 1.0Vrms
Note 3.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to + 155℃
Note 6.: The part temperature (ambient + temp rise) should not exceed 155℃ under the worst case operating
conditions. Circuit design, component placement, PCB trace size and thickness, airflow and other cooling
provision all affect the part temperature. Part temperature should be verified in the end application.
Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.
Note 8.: Cleaning Process Note
(a) If this power choke is dipped in the cleaning agent, such as toluene, xylene, ketone, and ether
system, there is a possibility that the performance decreases greatly
(b) The high power ultrasonic washing may damage the choke body.
(c) Please contact us if you need the cleaning via the above agents or ultrasonic washing.
Current Characteristic
0
20
40
60
80
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
2
4
6
8
10
12
14
16
18
20
22
24
26
DC BIAS(Amps)
VCHW054T-R47MS5
INDUCTANCE(μH)
TEMP. RISE(℃)
Issued



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com