công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VS6502V015 bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện VS6502V015
Giải thích chi tiết về linh kiện  VGA Color CMOS Image Sensor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6502V015 bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  VS6502V015 Datasheet HTML 1Page - STMicroelectronics VS6502V015 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/2
VS6502
DEVICE FUNCTIONALITY
ORDERING DETAILS
No ‘sensor only’ EVK available for the VS6502
Network/Ethernet and/or USB camera
Miniature VGA DSC solution
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication
are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics
products are not authorized for use as critical components in life support devices or systems without the
express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
© 2004 STMicroelectronics. All Rights Reserved.
http://www.st.com
Power management
Digital
Control
Logic
SDA
SCL
D3
D1
CLKIN
Pixel Array
Column ADC
X-decoder
SRAM Readout
Y-
decoder
D2
CHIPEN
D0
Timing
raw sensor data
D4-QCLK
VS6502V015
Sensor module only with
socket option.
STV0681
Dual mode co-processor
(no internal FLASH)
STV0676
PC camera co-processor
STV0674T100
Multi-mode co-processor
STV-6502S-D01
Plug-in daughtercard for
VS6502
STV-674/100T-E01
EVK for STV0674
STV-681-E01
EVK for STV0681
STV-676-E01
EVK for STV0676
STV0676 digiport
YCrCb
or
JPEG
USB
CPU
TCP/IP
Ethernet adaptator
I2C
VS6502
VS6502
5-bit
Video
STV0674T100
TQFP100 14x14
Data
8-128M x 8
Nand FLASH
Application
program
Image
storage
RS232
power
from phone
Switches
1. Shutter
2. Mode
Direct drive
LCD
2-digit LCD
display
USB
3V



Html Pages

1 2