công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCPP01-M12 bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện TCPP01-M12
Giải thích chi tiết về linh kiện  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 14Page - STMicroelectronics TCPP01-M12 Datasheet HTML 15Page - STMicroelectronics TCPP01-M12 Datasheet HTML 16Page - STMicroelectronics TCPP01-M12 Datasheet HTML 17Page - STMicroelectronics TCPP01-M12 Datasheet HTML 18Page - STMicroelectronics TCPP01-M12 Datasheet HTML 19Page - STMicroelectronics TCPP01-M12 Datasheet HTML 20Page - STMicroelectronics TCPP01-M12 Datasheet HTML 21Page - STMicroelectronics TCPP01-M12 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
6
PCB design recommendations
When routing the TCPP01-M12, please respect the following recommendations:
•
Place the circuit as close as possible of the USB connector
•
Place the ESD capacitor as close as possible of the TCPP01-M12
An example of routing with two layer board is shown here after.
For more informations on ESD protection layout and placement, please refer to AN576: PCB layout optimization.
Figure 23. layer board for sink mode
Figure 24. TCPP01-M12 symbol and footprint
TCPP01-M12
PCB routing
DS12900 - Rev 1
page 18/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25