công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SR920SW bảng dữ liệu(PDF) 2 Page - Maxwell Technologies

tên linh kiện SR920SW
Giải thích chi tiết về linh kiện  Zinc Silver Oxide Batteries
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXWELL [Maxwell Technologies]
Trang chủ  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

SR920SW bảng dữ liệu(HTML) 2 Page - Maxwell Technologies

  SR920SW Datasheet HTML 1Page - Maxwell Technologies SR920SW Datasheet HTML 2Page - Maxwell Technologies SR920SW Datasheet HTML 3Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1/2
Never swallow.
Always keep the battery out of the reach of young children to prevent it from being swallowed. If it is swallowed, consult a physician immediately.
Never touch the liquid leaked out of battery.
The battery contains strong alkaline liquid, which is deleterious material. If the liquid comes into eyes, immediately flush eyes with plenty of water and
consult a physician, because the alkaline liquid could cause becoming blind. If the liquid comes into mouth, immediately rinse by plenty of water and consult
a physician. The alkaline liquid could also cause the skin irritation and/or chemical burns. If the liquid adheres to the skin or clothes, immediately flush it
with plenty of water.
Never short-circuit the battery.
Do not allow the positive and negative terminals to short-circuit. Never carry or keep battery with metal goods such as a necklace or a hairpin. Otherwise
battery could cause distortion, leakage, overheating, or explosion of the battery.
Never charge.
The battery is not designed to be charged by any other electrical source. Charging could generate gas and internal short-circuiting, leading to distortion,
leakage, overheating, or explosion.
Never expose to open flames.
Exposing to flames could cause explosion of the battery.
Never heat.
Heating the battery more than 100 degree centigrade could increase the internal pressure leading to distortion, leakage, overheating, or explosion.
Never disassemble or deform.
Disassembly or deforming of the battery could cause the leakage, overheating, or explosion due to an internal short-circuits.
SR Silver oxide Batteries
Warnings
Handling
Safety Instructions
Improper handling of the battery could lead to distortion, leakage*, overheating, or explosion and cause human injury or equipment trouble. Especially touch
with liquid leaked out of battery could cause injury like a loss of eyesight. Please strictly observe each of the following instructions to prevent the accidents.
(* Leakage is defined as an unintended escape of liquid from a battery.)
Never reverse the positive and negative terminals when mounting.
The improper mounting of the battery may lead to short-circuiting, charging or forced-discharging. This may cause distortion, leakage, overheating, or
explosion.
Never short-circuit the battery while installing into equipment.
On installing, the battery may be short-circuited via metal parts of the equipment. Please be careful on installing.
Never weld the terminal or wire to the body of the battery directly.
The heat on welding such as soldering may cause distortion, leakage, overheating, or explosion of the battery.
Never use different batteries together.
Using different batteries together, i.e. different type or used and new or different manufacturer may cause distortion, leakage, overheating, or explosion
because of the differences in battery property.
Never leave the used battery in equipment.
Long time leaving in the equipment may generate gas leading to distortion, leakage, overheating, or explosion and the equipment may be damaged.
Remove the battery from equipment while not in use for a long time.
Gas may be generated in the battery leading to leaking and damaging of the equipment.
Never treat the battery violently.
Strong shock by dropping or throwing may cause distortion, leakage, overheating, or explosion.
Use the correct battery suitable for the equipment.
The battery may not be suitable for the specific equipment due to the using conditions or type of equipment. Please select the suitable battery according to
the handling instructions of the equipment.
Never use or leave the battery in hot place such as under the direct rays of the sun or in the car under the burning sun.
Otherwise this may cause distortion, leakage, overheating, or explosion of the battery.
Never store the battery in hot and high humid place.
Otherwise the property of the battery may deteriorate. Under certain circumstances, this may cause distortion, leakage, overheating, or explosion of the
battery.
Never let the battery contact with water.
Contact of the battery with water may cause distortion, leakage, overheating, or explosion of the battery. And rust may be generated.
Handling/Storage



Html Pages

1 2 3