| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ALPHA2 bảng dữ liệu(PDF) 14 Page - Mitsubishi Electric Semiconductor |
|
|
|||||||||||||||||||||||||||||
ALPHA2 bảng dữ liệu(HTML) 14 Page - Mitsubishi Electric Semiconductor |
|
14 / 19 page ![]() ALPHA2 QUICK START MANUAL 14 n THE CONTEXT HELP The Context Help command can provide help with Toolbars and associated commands. When choosing the Toolbar’s Context Help button or pushing the “Shift” + “F1” key, the mouse pointer will change to an arrow and question mark. Then click on the item needing clarification in the application window. The Help topic will be shown for the item you clicked. n HELP IN MENU BAR It is possible to also get Help by clicking “Contents” and “Search for Help on...” (Help menu). Upon entering the Help menu the options list will be shown. When “Search for Help On...” or “How to Use Help...” is chosen, three tabs will appear on top of the window. These tabs can be used in addition to the Help files available on the display. n THE CONTENTS COMMAND OR TAB The contents menu allows the user to choose from the following categories or chapters. When an option is chosen, the main topics available for that category pop up on screen. Choose the desired topic to bring up a dialog box. Words or phrases that are highlighted in green contain addition information in another dialog box. Click on the highlighted text to view its dialog box. n SEARCH FOR HELP ON... It is possible to search the informations and instruction for using AL-PCS or various pieces of reference information from the desired categories. To search for Help: 1. Clicking “Search for Help On...” in the help menu to bring up the opening Help window. 2. Click on the desired category to bring up information and instructions for using AL-PCS or various pieces of reference information. n THE INDEX TAB The windows provides information on index topics. Type the first few letters of the required topic or scroll to the topic in the index list. n THE FIND TAB The Find tab generates a list of key words on the AL-PCS and lets you search for help on those words. A matching words directory gives an option to narrow the number of matches found. A third directory lists the topics in which your word appears. n FIND SETUP WIZARD At first, the Find tab needs to be setup. Perform the setup in accordance with the Find Setup Wizard. To setup Find tab: 1. Choose “Minimize database size (recommend)”, and click “NEXT”. 2. Click “Finish” to start creating the word list of AL-PCS. Context Help button Mitsubishi Electric Automation, Inc. |