công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F3 bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện STM32F3
Giải thích chi tiết về linh kiện  Mainstream 32-bit MCUs Releasing your creativity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F3 bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button STM32F3 Datasheet HTML 8Page - STMicroelectronics STM32F3 Datasheet HTML 9Page - STMicroelectronics STM32F3 Datasheet HTML 10Page - STMicroelectronics STM32F3 Datasheet HTML 11Page - STMicroelectronics STM32F3 Datasheet HTML 12Page - STMicroelectronics STM32F3 Datasheet HTML 13Page - STMicroelectronics STM32F3 Datasheet HTML 14Page - STMicroelectronics STM32F3 Datasheet HTML 15Page - STMicroelectronics STM32F3 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
STM32 NUCLEO EXPANSION BOARDS
Software development tools
ST suggests a 3‑step approach for standard development in C: configuration and generation, compile and debug, and then monitoring.
1. Configure the microcontroller using STM32CubeMX tool and optionally generate code depending on user choices.
2. Develop the application, compile and debug, using a partner integrated development environment (IDE) such as IAR, Keil, AC6, Atollic,
Coocox, Emprog, iSystem, Raisonance, Rowley, Segger, Tasking,...
3. Monitor the application while it is running without being intrusive with STMStudio.
STM32CubeMX
Partner IDEs
STMStudio
Configure and generate code
Compile and debug
Monitor
Assistance Conseil
Systèmes
Free IDE
macOS®
ACHIEVING SIL2/3 WITH STM32F3
Quickly achieve IEC 61508 Safety Integrity
Level (SIL) certification with the STM32F3
Functional Safety Package:
•
STM32F3 Safety Manual: a user
guide including detailed list of safety
requirements and examples.
•
STM32F3 Self‑test library*: ready to
use and certified software to address
application independent failures of the
MCU.
•
The expansion boards let you
add specialized functions (sense,
connectivity…) with companion chips
through Arduino™ or ST morpho
connectors.
•
The portability of associated software
components enables you to target several
STM32 MCUs.
www.st.com/x‑nucleo
•
STM32F3 Self-Test library*
•
STM32F3 Safety manual
•
Safety features
•
Product portfolio
SIL2/SIL3
ST Quality foundations
Customer Development
*Available in 2018
STM32 F3
SIL
Ready
www.st.com/stm32safety



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16