| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST8500TR bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST8500TR bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 37 page ![]() Description ST8500 4/37 DocID031029 Rev 3 1 Description The ST8500 is a fully programmable power line communication (PLC) modem System on Chip (SoC), able to run any PLC protocol in the frequency band up to 500 kHz. The device architecture has been designed to target CENELEC EN50065, FCC and ARIB compliant applications supporting all major PLC protocol standards such as ITU G.9904 (PRIME), ITU G.9903 (G3-PLC®) and many other possible PLC protocol specifications and evolutions. The ST8500 basic block diagram is shown in Figure 1. Figure 1. ST8500 basic block diagram |