công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM79D2251VC bảng dữ liệu(PDF) 22 Page - Advanced Micro Devices

tên linh kiện AM79D2251VC
Giải thích chi tiết về linh kiện  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC bảng dữ liệu(HTML) 22 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 21Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 22Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 23Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 24Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 25Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
Am79D2251
Gain Linearity
The gain deviation relative to the gain at –10 dBm0 is within the limits shown in Figure 8 (A-law) and
Figure 9 (µ-law) for either transmission path when the input is a sine wave signal of 1014 Hz.
Figure 8. A-law Gain Linearity with Tone Input (Both Paths)
Figure 9.
µ-law Gain Linearity with Tone Input (Both Paths)
0.55
0.25
0
-0.25
-0.55
-1.5
-55 -50
-40
-10
+3
1.5
Gain (dB)
Input
Level
(dBm0)
0
Dual ISLAC Specification
0.45
0.25
0
-0.25
-0.45
-1.4
-55
-50
-37
-10
+3
1.4
Gain (dB)
Input
Level
(dBm0)
0
Dual ISLAC Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35