| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5744C bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5744C bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 76 page ![]() • Timer – 16 Periodic Interrupt Timers (PITs) – Two System Timer Modules (STM) – Three Software Watchdog Timers (SWT) – 64 Configurable Enhanced Modular Input Output Subsystem (eMIOS) channels • Device/board boundary Scan testing supported with Joint Test Action Group (JTAG) of IEEE 1149.1 and IEEE 1149.7 (CJTAG) • Security – Hardware Security Module (HSMv2) – Password and Device Security (PASS) supporting advanced censorship and life-cycle management – One Fault Collection and Control Unit (FCCU) to collect faults and issue interrupts • Functional Safety – ISO26262 ASIL-B compliance • Multiple operating modes – Includes enhanced low power operation MPC5746C Microcontroller Datasheet, Rev. 6, 11/2018 2 NXP Semiconductors |