công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VBMB1101M bảng dữ liệu(PDF) 2 Page - VBsemi Electronics Co.,Ltd

tên linh kiện VBMB1101M
Giải thích chi tiết về linh kiện  N-Channel 100-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VBMB1101M bảng dữ liệu(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VBMB1101M Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd VBMB1101M Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-65
°C/W
Maximum Junction-to-Case (Drain)
RthJC
-3.1
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.13
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
-
3.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
-
-
25
µA
VDS = 80 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 10 Ab
-
0.086
-
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 10 Ab
9.1
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1700
-
pF
Output Capacitance
Coss
-
560
-
Reverse Transfer Capacitance
Crss
-
120
-
Drain to Sink Capacitance
C
f = 1.0 MHz
-
12
-
Total Gate Charge
Qg
VGS = 10 V
ID = 17 A, VDS = 80 V,
see fig. 6 and 13b
--
72
nC
Gate-Source Charge
Qgs
--
11
Gate-Drain Charge
Qgd
--
32
Turn-On Delay Time
td(on)
VDD = 50 V, ID = 17 A,
RG = 9.1 Ω, RD= 2.9 Ω,
see fig. 10b
-11
-
ns
Rise Time
tr
-44
-
Turn-Off Delay Time
td(off)
-53
-
Fall Time
tf
-43
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
17
A
Pulsed Diode Forward Currenta
ISM
--
68
Body Diode Voltage
VSD
TJ = 25 °C, IS = 17 A, VGS = 0 Vb
--
2.5
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 17 A, dI/dt = 100 A/µsb
-
180
360
ns
Body Diode Reverse Recovery Charge
Qrr
-1.3
2.6
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G
VBMB1101M
www.VBsemi.com
2



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com