công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA16EL6 bảng dữ liệu(PDF) 1 Page - Hubbell Incorporated.

tên linh kiện BA16EL6
Giải thích chi tiết về linh kiện  Polyvinylchloride Insulated Copper Fork Terminal,Stud size:6,Wire strip length:13/64 IN.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

BA16EL6 bảng dữ liệu(HTML) 1 Page - Hubbell Incorporated.

  BA16EL6 Datasheet HTML 1Page - Hubbell Incorporated. BA16EL6 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Fast Installation And Security
Connector Type
Terminal - Fork
Feature - Barrel Style
Shrouded
Insulation
Y
Insulation Type
Vinyl
Material
Copper
Physical Attribute - Number of Holes
1
Physical Attribute - Tongue Type
Locking Fork
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
VINYLUG
Trade Name
VINYLUG™
Type
BA-EL, Locking
UPC
781810026946
UPC 12 Digit
7818100269466
Dimensions
Dimension - Hole Size fraction
7/50
Dimension - Hole Size inch
0.14 in
Dimension - Length Overall inch
0.87 in
Dimension - Pad Width inch
0.28 in
Dimension - Stud Size inch
#6
Dimension - Z inch
0.23 in
Conductor Related
Conductor - Copper Solid Size Range
20 AWG -22 AWG; 16 AWG -18 AWG
Conductor - Copper Str Size Range
20 AWG -22 AWG; 16 AWG -18 AWG
Conductor Type
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1000
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
BA16EL6
by Burndy
Catalog ID: BA16EL6
Prop 65 Notice
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:6,Wire strip
length:13/64 IN.
Features: Locking Fork Tongue Design: Allows Fast Installation-Screw
Only Has To Be Loosened For Termination, Internal Configuration Of The
Fork: Prevents The Terminal From Coming Off The Screw Without
Applying A Pulling Force, Locking Fork Is Made From A Copper Alloy:
Permits Many Installations While Maintaining Proper Spring Retention Of
Forks, 600 V Maximum, 105 DEG C Maximum, Employs A Locking Fork
Tongue For Fast Installation And Security, Insulation Diameter
(maximum): 0.145 IN, Package: Bulk, Installation Tool: Plier Type: Y10-22
Tool, Ratchet: MR8-89-1, MR15 Tool, Wire Strip Length: 13/64 IN, Color
Code: Red, Wire Insulation Grip: No, Finish: Electro-Tin Plated,
Temperature Rating: 105 DEG C Maximum


Số phần tương tự - BA16EL6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
BA16EL10 HUBBELL-BA16EL10 Datasheet
260Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:10,Wire strip length:13/64 IN.
BA16EL8 HUBBELL-BA16EL8 Datasheet
260Kb / 2P
Copper Terminal, Locking Fork Tongue, 22-16 AWG, #6-#8 Stud, Vinyl Insulated, Tin Plated.
BA16EL8M HUBBELL-BA16EL8M Datasheet
259Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #8 STUD SIZE,TAPE MOUNTED
More results

Mô tả tương tự - BA16EL6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
BA10EL6 HUBBELL-BA10EL6 Datasheet
259Kb / 2P
TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #6 STUD
BA10EL8 HUBBELL-BA10EL8 Datasheet
261Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal, Wire size:12-10 AWG STR,Stud size:8.
BA10EZ10 HUBBELL-BA10EZ10 Datasheet
261Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:10,Wire strip length:11/32".
BA14EF2 HUBBELL-BA14EF2 Datasheet
261Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:2,Wire strip length:13/64".
BA14EZ6 HUBBELL-BA14EZ6 Datasheet
260Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud Size: #4 - #6 Hole,Wire strip length:1/4".
BA16EF2 HUBBELL-BA16EF2 Datasheet
262Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:2,Wire strip length:13/64 IN.
BA16EL10 HUBBELL-BA16EL10 Datasheet
260Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:10,Wire strip length:13/64 IN.
BA16EZ6 HUBBELL-BA16EZ6 Datasheet
262Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:6,Wire strip length:1/4".
BA16EZ8 HUBBELL-BA16EZ8 Datasheet
262Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:8,Wire strip length:1/4".
BA16EZ10 HUBBELL-BA16EZ10 Datasheet
262Kb / 2P
Polyvinylchloride Insulated Copper Fork Terminal,Stud size:10,Wire strip length:1/4
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com