| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UT54LVDSC032 bảng dữ liệu(PDF) 9 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT54LVDSC032 bảng dữ liệu(HTML) 9 Page - Aeroflex Circuit Technology |
|
9 / 11 page ![]() 9 Notes: 1. All exposed metalized areas are gold plated over electroplated nickel per MIL-PRF-38535. 2. The lid is electrically connected to VSS. 3. Lead finishes are in accordance to MIL-PRF-38535. 4. Package dimensions and symbols are similar to MIL-STD-1835 variation F-5A. 5. Lead position and coplanarity are not measured. 6. ID mark symbol is vendor option. 7. With solder, increase maximum by 0.003. Figure 8. 16-pin Ceramic Flatpack PACKAGING |