công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VB162KX bảng dữ liệu(PDF) 2 Page - VBsemi Electronics Co.,Ltd

tên linh kiện VB162KX
Giải thích chi tiết về linh kiện  N-Channel 60 V(D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VBSEMI [VBsemi Electronics Co.,Ltd]
Trang chủ  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

VB162KX bảng dữ liệu(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  VB162KX Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd VB162KX Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Pulse test: PW
 300 µs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
60
V
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 70 °C
75
On-State Drain Currenta
ID(on)
VDS 15 V, VGS = 10 V
2.5
A
Drain-Source On-Resistancea
RDS(on)
VGS = 10 V, ID = 0.5 A
0.91
Forward Transconductancea
gfs
VDS = 15 V, ID = 0.5 A
4
S
Diode Forward Voltage
VSD
IS = 1 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 0.5 A
3
nC
Gate-Source Charge
Qgs
0.37
Gate-Drain Charge
Qgd
1.45
Gate Resistance
Rg
0.5
1.3
2.4
Switching
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 33 
ID  0.2 A, VGEN = 10 V, Rg = 6 
711
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
915
Fall Time
tf
11
15
Source-Drain Reverse Recovery Time
trr
IF = 0.5 A, dI/dt = 100 A/µs50100
Output Characteristics
0
1
2
3
4
02468
10
VGS = 10 V, 9 V, 8 V
4 V
VDS - Drain-to-Source Voltage (V)
3 V
5 V
2 V, 1 V
Transfer Characteristics
0
1
2
3
4
02
46
8
TC = 125 °C
- 55 °C
25 °C
VGS - Gate-to-Source Voltage (V)
www.VBsemi.com
VB162KX
2



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com