| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2S1502 bảng dữ liệu(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S1502 bảng dữ liệu(HTML) 16 Page - NXP Semiconductors |
|
16 / 33 page ![]() NXP Semiconductors SL2S1402_SL2S1502_SL2S1602 ICODE ILT SL2S1402_SL2S1502_SL2S1602 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product data sheet Rev. 3.3 — 15 October 2019 COMPANY PUBLIC 234333 16 / 33 11 Interrogator commands and tag replies For a detailed description refer to Section 18, Ref. 2. 11.1 Commands An overview of interrogator to tag commands is located in Section 18, Ref. 2. Note that all mandatory commands are implemented on the ICODE ILT according to the standard. Additionally the optional command Access is supported by the ICODE ILT IC (for details refer to Section 11.5 "Optional Access Command"). Besides also custom commands are implemented on the ICODE ILT IC (for details refer to Section 11.7 "Custom Commands". 11.2 Mandatory Select Commands Select commands select a particular ICODE ILT tag population based on user-defined criteria. 11.2.1 Select For a detailed description of the mandatory Select command refer to Section 18, Ref. 2. 11.3 Mandatory Inventory Commands Inventory commands are used to run the collision arbitration protocol. 11.3.1 BeginRound For a detailed description of the mandatory BeginRound command refer to Section 18, Ref. 2. 11.3.2 AdjustRound For a detailed description of the mandatory AdjustRound command refer to Section 18, Ref. 2. 11.3.3 NextSlot For a detailed description of the mandatory NextSlot command refer to Section 18, Ref. 2. 11.3.4 ACK For a detailed description of the mandatory ACK command refer to Section 18, Ref. 2. 11.3.5 NAK For a detailed description of the mandatory NAK command refer to Section 18, Ref. 2. |