công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0809735 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 0809735
Giải thích chi tiết về linh kiện  UW 16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0809735 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  0809735 Datasheet HTML 1Page - PHOENIX CONTACT 0809735 Datasheet HTML 2Page - PHOENIX CONTACT 0809735 Datasheet HTML 3Page - PHOENIX CONTACT 0809735 Datasheet HTML 4Page - PHOENIX CONTACT 0809735 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UW 16 Order No.: 3073348
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3073348
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
May 9, 2011
Insulating material
PA
Inflammability class acc. to UL 94
V0
Dimensions
Width
12.1 mm
Technical data
Maximum load current
101 A (with 25 mm2 conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
76 A
Nominal voltage UN
800 V with spacer plate
Connection data
Conductor cross section solid min.
6 mm²
Conductor cross section solid max.
25 mm²
Conductor cross section stranded min.
6 mm²
Conductor cross section stranded max.
16 mm²
Conductor cross section AWG/kcmil min.
10
Conductor cross section AWG/kcmil max
4
Conductor cross section stranded, with ferrule
without plastic sleeve min.
6 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
16 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
6 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
16 mm²
2 conductors with same cross section, solid min.
2.5 mm²
2 conductors with same cross section, solid max.
10 mm²
2 conductors with same cross section, stranded
min.
2.5 mm²
2 conductors with same cross section, stranded
max.
6 mm²
2 conductors with same cross section, stranded,
ferrules without plastic sleeve, min.
4 mm²



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com