| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC3548CPWR bảng dữ liệu(PDF) 24 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC3548CPWR bảng dữ liệu(HTML) 24 Page - Texas Instruments |
|
24 / 40 page ![]() TLC3544, TLC3548 5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS SLAS266C – OCTOBER 2000 – REVISED MAY 2003 24 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operation timing diagrams (continued) 12 3 5 46 7 13 14 15 16 1 ID15 1D14 ID13 1D12 12 ID15 ID14 ID11 ID10 ID9 ID4 ID3 ID2 ID1 ID0 OR Note: Signal May Not Exist. Don’t Care CS FS = High SDI INT EOC SDO Hi-Z Figure 10. Write Cycle, CS Initiates Operation, FS = 1 FIFO Read Operation: When the FIFO is used, the first command after INT is generated is assumed to be the FIFO read. The first FIFO content is sent out immediately before the command is decoded. If this command is not a FIFO read, the output is terminated. Using more layers of the FIFO reduces the time taken to read multiple conversion results, because the read cycle does not generate an EOC or INT, nor does it make a data conversion. Once the FIFO is read, the entire contents in the FIFO must be read out. Otherwise, the remaining data is lost. 12 3 5 46 7 13 14 15 16 1 ID15 1D14 ID13 1D12 OD11 OD10 OD9 OD4 OD3 OD2 12 ID15 ID14 OD15 OD14 OD13 OD12 OD15 OD14 OR Notes: Signal May Not Exist. SCLK CS FS = High SDI INT EOC SDO OD[15:2] is FIFO Contents. Don’t Care Hi-Z Figure 11. FIFO Read Cycle, CS Initiates Operation, FS = 1 |