| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RB5P0010M bảng dữ liệu(PDF) 2 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
RB5P0010M bảng dữ liệu(HTML) 2 Page - Sharp Corporation |
|
2 / 2 page ![]() Video Interface ICs for TFT-LCDs < Product Line-up of Video Interface ICs for TFT-LCDs > < Input Signal/ Adaptive LCD Panel > Input signal Model No. Composite video Y/C Analog RGB Color decode Serial data control Supply voltage (V) Power consumption (mW)TYP. Package IR3Y29AM/ IR3Y29BM O O O - 5/7.5 190 P-QFP048-0707 RB5P006AM O O O O 3/5/13 120 P-QFP048-1010 * RB5P0070M O O O NTSC /PAL O 3/7 330 P-QFP072-1010 Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. Manufacturing locations are also subject to change without notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any SHARP devices shown in catalogs, data books, etc. The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property right. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP devices. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structures and other contents described herein at any time without notice in order to improve design or reliability. SHARP CORPORATION INTEGRATED CIRCUITS GROUP STRATEGIC MARKETING CENTER 2613-1, ICHINOMOTO-CHO, TENRI, NARA 632-8765, JAPAN PHONE: +81-743-65-3481(DIAL IN) The contents of this catalog are valid as of February 12, 2002. IC-E080-1 * Under development Input signal Composite video Y/C Analog RGB Y/color difference Polysilicon TFT-LCD Panel Amorphus silicon TFT-LCD Panel IR3Y18 IR3Y31M RB5P0010M IR3Y34M/35M IR3Y29BM (Serial I/F No) RB5P006AM (Serial I/F Yes) RB5P0050M (Serial I/F yes) RB5P0020M (Serial I/F No) RB5P0070M (Serial I/F Yes) |