| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAM6546ACDXEAF bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6546ACDXEAF bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 277 page ![]() Copyright © 2017–2019, Texas Instruments Incorporated Terminal Configuration and Functions Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 13 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 Table 4-1. Pin Attributes (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] MUXMODE [4] TYPE [5] BALL RESET STATE [6] BALL RESET REL. MUXMODE [7] I/O VOLTAGE VALUE [8] POWER [9] HYS [10] BUFFER TYPE [11] PULL UP/DOWN TYPE [12] DSIS [13] RXACTIVE/ TXDISABL E [14] IO Daisy Chain [15] D11 DDR_AC24 DDR_AC24 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No B11 DDR_AC25 DDR_AC25 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C11 DDR_AC26 DDR_AC26 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E11 DDR_AC27 DDR_AC27 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E12 DDR_AC28 DDR_AC28 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D12 DDR_AC29 DDR_AC29 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D5 DDR_ALERTn DDR_ALERTn IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No B8 DDR_CK0N DDR_CK0N IO drive 1 (OFF) 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No A8 DDR_CK0P DDR_CK0P IO drive 0 (OFF) 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No B7 DDR_CK1N DDR_CK1N IO drive 1 (OFF) 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No A7 DDR_CK1P DDR_CK1P IO drive 0 (OFF) 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E1 DDR_DM0 DDR_DM0 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C5 DDR_DM1 DDR_DM1 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D14 DDR_DM2 DDR_DM2 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No B17 DDR_DM3 DDR_DM3 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No A3 DDR_DQ0 DDR_DQ0 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No B2 DDR_DQ1 DDR_DQ1 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No C2 DDR_DQ2 DDR_DQ2 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No D2 DDR_DQ3 DDR_DQ3 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No E2 DDR_DQ4 DDR_DQ4 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No G1 DDR_DQ5 DDR_DQ5 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No F2 DDR_DQ6 DDR_DQ6 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No F1 DDR_DQ7 DDR_DQ7 IO OFF 1.1 V/1.2 V/1.35 V VDDS_DDR DDR PU/PD No |