| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM652X bảng dữ liệu(PDF) 139 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X bảng dữ liệu(HTML) 139 Page - Texas Instruments |
|
139 / 277 page ![]() 139 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2019, Texas Instruments Incorporated 5.9 Timing and Switching Characteristics NOTE The Timing Requirements and Switching Characteristics values may change following the silicon characterization result. NOTE The default SLEWRATE settings in each pad configuration register must be used to ensure timings, unless specific instructions are given otherwise. 5.9.1 Timing Parameters and Information The timing parameter symbols used in Section 5.9 are created in accordance with JEDEC Standard 100. To shorten the symbols, some pin names and other related terminologies have been abbreviated in Table 5-16: Table 5-16. Timing Parameters Subscripts SYMBOL PARAMETER c Cycle time (period) d Delay time dis Disable time en Enable time h Hold time su Setup time START Start bit t Transition time v Valid time w Pulse duration (width) X Unknown, changing, or don't care level F Fall time H High L Low R Rise time V Valid IV Invalid AE Active Edge FE First Edge LE Last Edge Z High impedance |