| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM652X bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X bảng dữ liệu(HTML) 5 Page - Texas Instruments |
|
5 / 277 page ![]() Industrial Subsystem DMSC 3x PRU_ICSSG (up to 6x Ethernet Ports) (3) Navigator Subsystem UDMA RA Proxy 2x PVU MCRC Spinlock 3x INTA INTR CPTS 12x Mailbox 2x TIMER-MGR Channelized FW GPMC ELM EMIF with ECC Memory Subsystem 2MB SRAM with ECC MSMC Display Subsystem 2x Video pipeline Blend/Scale/CSC Open LDI MIPI DPI System Services PDMA 4x RTI/WWDT 12x GP Timers Debug Video Input LVDSRX MIPI CSI-2 CAL BT.656/1120 Security Accelerators AES MD5 SHA 3DES PKA DRBG ESM Navigator Subsystem Channelized FW MCRC RA INTR UDMA INTA Proxy PDMA ESM Scratchpad RAM 512B 4x GP Timers 2x RTI/WWDT MCU-MSRAM 512KB MCU Island Interconnect Automotive Interfaces Control Interfaces Audio Peripherals Media and Data Storage General Connectivity High-Speed Serial Interfaces 2x MCAN-FD 2x MMCSD 3x MCASP 3x EQEP 1x ECAP 6x EHRPWM 1x I2C 5x I2C 2x OSPI or 1xQSPI + 1x HyperBus GPIO 5x MCSPI 3x MCSPI 2x ADC 4x UART 1x UART 10/100/1000 Ethernet 1x USB 3.1 DRD 1x USB 2.0 DRD PCIe 2x Single/1x Dual lane Gen 3 (1) (1) (1) (1) (1) (1)(2) (1) (2) (3) (3) A 654x / AM652x M ® intro_001 (with optional Lockstep) 2x Arm® Cortex -R5F ® 512KB L2 with ECC 2x Arm® Cortex -A53 ® 512KB L2 with ECC 2x Arm® Cortex -A53 ® 512KB L2 with ECC 2x Arm® Cortex -A53 ® GPU PowerVR SGX544-MP1 3D ® 5 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Device Overview Copyright © 2017–2019, Texas Instruments Incorporated 1.4 Functional Block Diagram Figure 1-1 is functional block diagram for the device. (1) This interface is located on the MCU Island but is available for the full system to access. (2) One port is internally connected only; not connected to any pins. (3) SGMII, USB3.1 and PCIe share a total of two SerDes lanes. Figure 1-1. AM654x, AM652x Block Diagram |