| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM652X bảng dữ liệu(PDF) 205 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X bảng dữ liệu(HTML) 205 Page - Texas Instruments |
|
205 / 277 page ![]() SPI_CS[x] (IN) SPI_SCLK (IN) SPI_SCLK (IN) SPI_D[x] (IN) SPI_CS[x] (IN) SPI_SCLK (IN) SPI_SCLK (IN) SPI_D[x] (IN) Bit n-1 Bit n-2 Bit n-3 Bit n-4 Bit 0 Bit n-1 Bit n-2 Bit n-3 Bit 1 Bit 0 PHA=0 EPOL=1 POL=0 POL=1 POL=0 POL=1 PHA=1 EPOL=1 SS3 SS1 SS3 SS1 SS3 SS1 SS2 SS1 SS8 SS9 SS8 SS9 SS2 SS3 SS2 SS2 SS4 SS5 SS5 SS4 SS4 SS5 SS4 SS5 SPRSP08_TIMING_McSPI_04 205 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2019, Texas Instruments Incorporated (1) This timing applies to all configurations regardless of SPI_CLK polarity and which clock edges are used to drive output data and capture input data. (2) P = SPICLK period. (3) PHA = 0; SPI_CLK phase is programmable with the PHA bit of the SPI_CH(i)CONF register. Figure 5-68. SPI Slave Mode Receive Timing |