công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PR5331C3HN bảng dữ liệu(PDF) 4 Page - NXP Semiconductors

tên linh kiện PR5331C3HN
Giải thích chi tiết về linh kiện  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR5331C3HN bảng dữ liệu(HTML) 4 Page - NXP Semiconductors

  PR5331C3HN Datasheet HTML 1Page - NXP Semiconductors PR5331C3HN Datasheet HTML 2Page - NXP Semiconductors PR5331C3HN Datasheet HTML 3Page - NXP Semiconductors PR5331C3HN Datasheet HTML 4Page - NXP Semiconductors PR5331C3HN Datasheet HTML 5Page - NXP Semiconductors PR5331C3HN Datasheet HTML 6Page - NXP Semiconductors PR5331C3HN Datasheet HTML 7Page - NXP Semiconductors PR5331C3HN Datasheet HTML 8Page - NXP Semiconductors PR5331C3HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
4 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
4.
Ordering information
[1]
60 or 70 refers to the ROM code version described in the User Manual. For differences of romcode versions refer to the release note of
the product.
[2]
Refer to Section 14.4 “Licenses”.
[3]
MSL 2 (Moisture Sensitivity Level).
5.
Block diagram
The following block diagram describes hardware blocks controlled by PR5331C3HN
firmware or which can be accessible for data transaction by a host baseband.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PR5331C3HN/C360[1][2][3]
HVQFN40
plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6
 6  0.85 mm
SOT618-1
PR5331C3HN/C370[1][2][3]
Fig 1.
Block diagram
aaa-000043
SUPPLY
SUPERVISOR
27 MHz OSC
AND
FRAC N
PLL
SVDD
SWITCH
NFC
ANALOG
FRONT END
AND
CLUART
80C51 CPU
44 k ROM
1.2 k BYTES RAM
USB
DEVICE
I2C
MASTER
MATX
RSTPD_N
PVDD
SVDD
VBUS
P30 P31
P32_INT0
GPIOs
P33_INT0
P35
RSTOUT_N
DVDD
P70_IRQ
AVSS
DVSS
OSCIN
OSCOUT
I0
I1
SDA
P50_SCL
DELATT
48 MHz
SIGIN
SIGOUT
P34
TVDD
AVDD
RX
VMID
TX1
TVSS
TX2
REGULATOR
3.3 V
PCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36