công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFL27005DW/ES bảng dữ liệu(PDF) 8 Page - International Rectifier

tên linh kiện AFL27005DW/ES
Giải thích chi tiết về linh kiện  ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

AFL27005DW/ES bảng dữ liệu(HTML) 8 Page - International Rectifier

Back Button AFL27005DW/ES Datasheet HTML 4Page - International Rectifier AFL27005DW/ES Datasheet HTML 5Page - International Rectifier AFL27005DW/ES Datasheet HTML 6Page - International Rectifier AFL27005DW/ES Datasheet HTML 7Page - International Rectifier AFL27005DW/ES Datasheet HTML 8Page - International Rectifier AFL27005DW/ES Datasheet HTML 9Page - International Rectifier AFL27005DW/ES Datasheet HTML 10Page - International Rectifier AFL27005DW/ES Datasheet HTML 11Page - International Rectifier AFL27005DW/ES Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.irf.com
AFL270XXS Series
The AFL270XXS series converters incorporate a single
stage LC input filter whose elements dominate the input
load impedance characteristic during the turn-on sequence.
The input circuit is as shown in Figure IV.
Figure IV. Input Filter Circuit
8.4µH
Pin 1
Pin 2
0.54µfd
A minimum voltage is required at the input of the converter
to initiate operation. This voltage is set to 150
± 5 volts. To
preclude the possibility of noise or other variations at the
input falsely initiating and halting converter operation, a hys-
teresis of approximately 10 volts is incorporated in this cir-
cuit. Thus if the input voltage droops to 140
± 5 volts, the
converter will shut down and remain inoperative until the
input voltage returns to
≈ 150 volts.
In addition to permitting close voltage regulation of remotely
located loads, it is possible to utilize the converter sense
pins to incrementally increase the output voltage over a
limited range.The adjustments made possible by this method
are intended as a means to “trim” the output to a voltage
setting for some particular application, but are not intended
to create an adjustable output converter. These output
voltage setting variations are obtained by connecting an
appropriate resistor value between the +sense and -sense
pins while connecting the -sense pin to the output return pin
as shown in Figure V. below. The range of adjustment and
corresponding range of resistance values can be deter-
mined by use of the equation presented below.
R
= 100
-
-.025
adj
NOM
OUT
NOM
•
V
VV
Where
V
NOM = device nominal output voltage, and
V
OUT = desired output voltage
Finding a resistor value for a particular output voltage, is
simply a matter of substituting the desired output voltage
and the nominal device voltage into the equation and solv-
ing for the corresponding resistor value.
Figure V. Connection for V
OUT Adjustment
Enable 2
Share
+ Sense
- Sense
Return
+ V
out
To Load
R
ADJ
AFL270xxS
Caution: Do not set R
adj
< 500
Ω
Attempts to adjust the output voltage to a value greater than
120% of nominal should be avoided because of the poten-
tial of exceeding internal component stress ratings and sub-
sequent operation to failure. Under no circumstance should
the external setting resistor be made less than 500
Ω. By
remaining within this specified range of values, completely
safe operation fully within normal component derating is
assured.
Examination of the equation relating output voltage and re-
sistor value reveals a special benefit of the circuit topology
utilized for remote sensing of output voltage in the
AFL270XXS series of converters. It is apparent that as the
resistance increases, the output voltage approaches the
nominal set value of the device. In fact the calculated limit-
ing value of output voltage as the adjusting resistor be-
comes very large is
≅ 25mV above nominal device voltage.
The consequence is that if the +sense connection is un-
intentionally broken, an AFL270XXS has a fail-safe output
voltage of Vout + 25mV, where the 25mV is independent of
the nominal output voltage. It can be further demonstrated
that in the event of both the + and - sense connections
being broken, the output will be limited to Vout + 440mV.
This 440 mV is also essentially constant independent of the
nominal output voltage. While operation in this condition is
not damaging to the device, not all performance parameters
will be met.
Typical performance data is graphically presented on the follow-
ing pages for selected parameters on a variety of AFL270XXS
type converters. The data presented was selected as repre-
sentative of more critical parameters and for general interest in
typical converter applications.
Input Filter
Undervoltage Lockout
Output Voltage Adjust
Performance Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com