| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP06DA12D15 bảng dữ liệu(PDF) 2 Page - Toppower Electronic Technology Limited |
|
|
|||||||||||||||||||||||||||||
TP06DA12D15 bảng dữ liệu(HTML) 2 Page - Toppower Electronic Technology Limited |
|
2 / 4 page ![]() TP06DA Series www.gztoppower.com TEL:0086-20-62162688 EMAIL:sales2@gztoppower.com page 2 of 4 All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified. GENERAL CHARACTERISTICS parameter Test conditions Min Typ Max Units Isolation voltage Input to Output 500 1500、3000 VDC Isolation resistance Input to Output 100M ohm Seismic 10~55Hz 5 G MTBF MIL-HDBK-217F2 5 x 105 hrs Over-current protection mode Full input range Auto recovery Cooling Free air convection Case material Metal case OUTPUT CHARACTERISTICS parameter Test conditions Min Typ Max Units Voltage accuracy Io=0.1…1.0 x Ionom Vi=Vi rated ±1 % Line regulation Vimin≤Vi≤Vimax ±0.2 % Load regulation Io=0.1…1.0 x Ionom Vimin≤ Vi≤Vimax ±0.5 % Auxiliary voltage accuracy Main Load and auxiliary load differ 25%,the auxiliary circuit of the load with at least 25%, the main circuit with full load ±3 % Ripple and noise 20MHz bandwidth ±1 % Over-current protection Vimin≤Vi≤Vimax 120 % Transient recovery time 25% load change ±5 % Transient overshoot range 25% load change 400 us Switch frequency Vimin≤Vi≤Vimax 300 KHz INPUT CHARACTERISTICS parameter Test conditions Min Typ Max Units Startup voltage 5V Input module(4.5V -9V) 4.9 5 5.15 Startup voltage 12V Input module(9V -18V) 8.8 9 9.3 VDC Startup voltage 24V Input module(18V-36V) 18 VDC Startup voltage 48V Input module(36V-72V ) 36 VDC Startup voltage 24V Input module(9V -36V) 8.8 9 9.3 VDC Startup voltage 48V Input module(18V-72V) 18 VDC Start rising time Input rising time from 5%-100% 20 ms ENVIRONMENT CHARACTERISTICS parameter Test conditions Min Typ Max Units Storage Humidity Non condensing 5 +95 % Operating Temperature Power derating (above 71℃ -40 +85 ℃ Storage Temperature -55 +125 ℃ Max. Case Temperature Operating Temperature curve range 105 ℃ Lead Temperature 1.5mm from case for 10 seconds 300 ℃ Cooling Free air convection Case temperature under shall not exceed the maximum case temperature level. |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |