công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXCH2T45 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AXCH2T45
Giải thích chi tiết về linh kiện  SN74AXCH2T45 2-Bit Bus Transceiver with Configurable Level-Shifting and Bus-Hold Inputs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXCH2T45 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button SN74AXCH2T45 Datasheet HTML 17Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 18Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 19Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 20Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 21Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 22Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 23Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 24Page - Texas Instruments SN74AXCH2T45 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Input
Logic
Output
Bus-Hold Latch
21
SN74AXCH2T45
www.ti.com
SCES881 – FEBRUARY 2020
Product Folder Links: SN74AXCH2T45
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.4 Bus-Hold Data Inputs
Each data input on this device includes a weak latch that maintains a valid logic level on the input. The state of
these latches is unknown at startup and remains unknown until the input has been forced to a valid high or low
state. After data has been sent through a channel, the latch then maintains the previous state on the input if the
line is left floating. It is not recommended to use pull-up or pull-down resistors together with a bus-hold input, as
it may cause undefined inputs to occur which leads to excessive current consumption.
Bus-hold data inputs prevent floating inputs on this device. The Implications of Slow or Floating CMOS Inputs
application report explains the problems associated with leaving CMOS inputs floating.
These latches remain active at all times, independent of all control signals such as direction control or output
enable.
The Bus-Hold Circuit application report has additional details regarding bus-hold inputs.
Figure 6. Simplified Schematic For Device With Bus-Hold Data Inputs
8.5 Device Functional Modes
(1)
Input circuits of the data I/Os are always active.
Table 2. Function Table
(Each 2-Bit Section)(1)
CONTROL INPUT
Port Status
OPERATION
DIR
A PORT
B PORT
L
Output (Enabled)
Input (Hi-Z)
B data to A bus
H
Input (Hi-Z)
Output (Enabled)
A data to B bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com