công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YF0220UI bảng dữ liệu(PDF) 1 Page - Hubbell Incorporated.

tên linh kiện YF0220UI
Giải thích chi tiết về linh kiện  bbl, Tin Plated, For Use On Cu Cond. bbl, Tin Plated, For Use On Cu Cond.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YF0220UI bảng dữ liệu(HTML) 1 Page - Hubbell Incorporated.

  YF0220UI Datasheet HTML 1Page - Hubbell Incorporated. YF0220UI Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Use On Copper Conductor
Material
Copper
Plated
N
Plating Type
Unplated
Sub Brand
FERRULES
Type
Bootlace Ferrule
UPC
781810479766
UPC 12 Digit
7818104797666
Dimensions
Dimension - D inch
0.34 in
Dimension - D1 inch
0.33 in
Dimension - D2 inch
0.42 in
Dimension - Length Side A inch
0.79 in
Length
0.787 in
Width
0.422 in
Conductor Related
Conductor - Copper Solid Size
2 AWG
Conductor - Copper Str Size
2 AWG
Conductor Type
CU C Solid-Size
CU C Str-Size
Certifications and Compliance
Certification - CSA Approved
No
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
No
Logistics
Carton Quantity
100 EA
Minimum Pack Quantity
100
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YF0220UI
by Burndy
Catalog ID: YF0220UI
Prop 65 Notice
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 2 AWG, 0.79" L, Seamless
bbl, Tin Plated, For Use On Cu Cond.
Features: Wire Ferrules Are Also Known As Cord End Terminals Or
Bootlace Ferrules, These Are Electrical Connectors Used To Terminate
Stranded Wires, These Terminals Are Made Of Electrolytically Tin Plated
Copper, Uninsulated Ferrules Are Designed To Form Neat End
Terminations To Multi-Strand Cables Or Wires, Smooth Funnel Entry
Assists In Wire Insertion, Specifically Designed To Aid In Termination Of
Extra Flexible Fine Stranded Conductor, Provides Enhanced Flexibility
Relating To Wire Termination And Management, A Positive Contact
Surface Helps Ensure System Integrity, Made Of Electrolytic Copper, Tin
Plated, Seamless Barrels, Smooth Funnel Entry To Make Wire Insertion
Easier, RoHs Compliant, Recommended Tooling: YF0801TOOL,
YF0401TOOL


Số phần tương tự - YF0220UI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
YF0222ID HUBBELL-YF0222ID Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 2 AWG, 1.42" L, Tin Plated, Red, For use on Cu Cond.
YF0222IT HUBBELL-YF0222IT Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 2 AWG, 1.42" L, Tin Plated, Beige, For use on Cu Cond.
YF0222IW HUBBELL-YF0222IW Datasheet
260Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 2 AWG, 1.42" L, Tin Plated, Beige.
YF0225ID HUBBELL-YF0225ID Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 2 AWG, 1.53" L, Tin Plated, Red, For use on Cu Cond.
YF0225IT HUBBELL-YF0225IT Datasheet
277Kb / 2P
Elect Cu Single Insul Wire Ferrules, Smooth Funnel Entry, 2 AWG, 1.53" L, Tin Plated, Beige, For use on Cu Cond.
More results

Mô tả tương tự - YF0220UI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
BURNDY_YF1012UI HUBBELL-BURNDY_YF1012UI Datasheet
258Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 10 AWG, 0.47" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1218UI HUBBELL-BURNDY_YF1218UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 12 AWG, 0.71" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1808UI HUBBELL-BURNDY_YF1808UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 18 AWG, 0.32" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1810UI HUBBELL-BURNDY_YF1810UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 18 AWG, 0.40" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF1812UI HUBBELL-BURNDY_YF1812UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 18 AWG, 0.47" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF2010UI HUBBELL-BURNDY_YF2010UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 20 AWG, 0.39" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF2012UI HUBBELL-BURNDY_YF2012UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 20 AWG, 0.47" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF2208UI HUBBELL-BURNDY_YF2208UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 22 AWG, 0.32" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF2607UI HUBBELL-BURNDY_YF2607UI Datasheet
259Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 26 AWG, 0.28" L, Seamless bbl, Tin Plated, For Use On Cu Cond.
BURNDY_YF35040UI HUBBELL-BURNDY_YF35040UI Datasheet
258Kb / 2P
Cu Alloy Bare Ferrule, Smooth Funnel Entry, 350 kcmil, 1.57 L, Seamless bbl, Tin Plated, For Use On Cu Cond.
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com