| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSOP bảng dữ liệu(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSOP bảng dữ liệu(HTML) 52 Page - STMicroelectronics |
|
52 / 107 page ![]() Register description LSM6DSOP 52/107 DocID032926 Rev 5 9.9 INT_CTRL (0Dh) INT pin control register (r/w) Table 36. INT_CTRL register description 9.10 WHO_AM_I (0Fh) WHO_AM_I register (r). This is a read-only register. Its value is fixed at 6Ch. Table 35. INT_CTRL register DEN_ DRDY_ flag INT_CNT_ BDR INT_ FIFO _FULL INT_ FIFO_ OVR INT_ FIFO_TH INT_ BOOT INT_ DRDY_G INT_ DRDY_XL DEN_DRDY_flag Sends DEN_DRDY (DEN stamped on Sensor Data flag) to INT pin INT_CNT_BDR Enables COUNTER_BDR_IA interrupt on INT INT_FIFO_FULL Enables FIFO full flag interrupt on INT pin. INT_FIFO_OVR Enables FIFO overrun interrupt on INT pin. INT_FIFO_TH Enables FIFO threshold interrupt on INT pin. INT_BOOT Enables boot status on INT pin INT_DRDY_G Enables gyroscope data-ready interrupt on INT pin. INT_DRDY_XL Enables accelerometer data-ready interrupt on INT pin. Table 37. WhoAmI register 01101100 |