| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EVB-T5 bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EVB-T5 bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() 1 HW and SW resources 1.1 ST GNSS solutions Teseo-V STA8100GA with STA5635A is part of ST Teseo GNSS Multi-Band and Multi Constellation family solution supported. 1.2 Power supply Board powered through USB. 1.3 NMEA port supported Teseo-V-UART over USB. 1.4 Connectors The connectors are: • Antenna SMA Female • ODO/CAN signals available (on 4x1 connector) • SD/MMC connector 1.5 Sensors ST ASM330LHH MEMS. 1.6 Kit contents • EVB-T5 Evaluation Board • USB cable EVB-T5 HW and SW resources DB4139 - Rev 1 page 2/5 |