| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SE8FD-TOP bảng dữ liệu(PDF) 1 Page - Neutrik AG |
|
|
|||||||||||||||||||||||||||||
SE8FD-TOP bảng dữ liệu(HTML) 1 Page - Neutrik AG |
|
1 / 2 page ![]() SE8FD-TOP Assembly kit to cover D-series etherCON connectors into TOP versions. Features & Benefits D-sized receptacle flange for PCB mount and IDC termination • Consisting of Chromium plated flange incl. cover, sealing gasket, push lever and mounting screws • IP65 rating and certified outdoor protection to UL 50E (in combination with NE8MX-TOP or sealing cap closed) • Uses high impact UV-resistant and gasket materials • Class D or CAT5e according to ISO/IEC 11801 and TIA/EIA • SE8FD-TOP 1 /2 |
Số phần tương tự - SE8FD-TOP |
|
Mô tả tương tự - SE8FD-TOP |