công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE8FBH-LED bảng dữ liệu(PDF) 1 Page - Neutrik AG

tên linh kiện NE8FBH-LED
Giải thích chi tiết về linh kiện  Fully shielded, horizontal PCB mount RJ45 receptacle with B-Series cutout and latch lock, max. panel thickness 3 mm.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEUTRIK [Neutrik AG]
Trang chủ  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NE8FBH-LED bảng dữ liệu(HTML) 1 Page - Neutrik AG

  NE8FBH-LED Datasheet HTML 1Page - Neutrik AG NE8FBH-LED Datasheet HTML 2Page - Neutrik AG NE8FBH-LED Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NE8FBH-LED
Fully shielded, horizontal PCB mount RJ45 receptacle with B-
Series cutout and latch lock, max. panel thickness 3 mm. The
"Lighted etherCON" offers a closed metal housing to avoid EMI
or cross talking and two light pipes for standard 3 mm LED to
indicate data transmission, status, etc.
The etherCON Series is a ruggedized and lockable RJ45
connector system, optimized for pro audio, video and lightning
network applications. The chassis connectors are shaped to fit
into standardized panels out of the entertainment industry.
The B-Series offers a space saving design and a rugged metal
front plate.
Attention! Does not intermate with CAT6 cable connector
NE8MC6-MO and NKE6S* cables.
Features & Benefits
Accommodates rugged etherCON NE8MC* or any
standard RJ45 plug
•
Approved latch lock system
•
Offers various illuminating indication possibilities by
means of two separate light pipes
•
Light pipes illuminated by standard 3 mm LEDs to be
mounted on PCB by customer
•
Comprehensive shielding granted by completely
closed metal housing
•
Complies with Class D according to TIA / EIA 568B and
ISO / IEC 11801 standard
•
Ground panel connection
•
NE8FBH-LED
1
/3


Số phần tương tự - NE8FBH-LED

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Neutrik AG
NE8FBH-C5 NEUTRIK-NE8FBH-C5 Datasheet
77Kb / 1P
Horizontal PCB mount RJ45 receptacle, CAT5e, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5-LED NEUTRIK-NE8FBH-C5-LED Datasheet
106Kb / 3P
Horizontal PCB mount RJ45 receptacle, CAT5e, two light pipes for through hole LEDs, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5-LED-S NEUTRIK-NE8FBH-C5-LED-S Datasheet
104Kb / 3P
Horizontal PCB mount RJ45 receptacle, CAT5e, shielded, two light pipes for through hole LEDs, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5-LED1 NEUTRIK-NE8FBH-C5-LED1 Datasheet
100Kb / 3P
Horizontal PCB mount RJ45 receptacle, CAT5e, two light pipes for SMD-LEDs, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5-LED1-S NEUTRIK-NE8FBH-C5-LED1-S Datasheet
104Kb / 3P
Horizontal PCB mount RJ45 receptacle, CAT5e, shielded, two light pipes for SMD-LEDs, B-Series cutout with latch lock, max. panel thickness 3 mm
More results

Mô tả tương tự - NE8FBH-LED

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Neutrik AG
NE8FAH NEUTRIK-NE8FAH Datasheet
97Kb / 3P
Horizonal PCB mount RJ45 receptacle, A-Series cutout with latch lock, max. panel thickness 3 mm
NE8FAV-C5 NEUTRIK-NE8FAV-C5 Datasheet
93Kb / 3P
Vertical PCB mount RJ45 receptacle, CAT5e, A-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH NEUTRIK-NE8FBH Datasheet
94Kb / 3P
Horizontal PCB mount RJ45 receptacle, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5 NEUTRIK-NE8FBH-C5 Datasheet
77Kb / 1P
Horizontal PCB mount RJ45 receptacle, CAT5e, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5-LED1-S NEUTRIK-NE8FBH-C5-LED1-S Datasheet
104Kb / 3P
Horizontal PCB mount RJ45 receptacle, CAT5e, shielded, two light pipes for SMD-LEDs, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-C5-S NEUTRIK-NE8FBH-C5-S Datasheet
97Kb / 3P
Horizontal PCB mount RJ45 receptacle, CAT5e, shielded, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBH-S NEUTRIK-NE8FBH-S Datasheet
65Kb / 3P
Fully shielded, horizontal PCB mount RJ45 receptacle, B-series cutout with latch lock, max. panel thickness 3 mm.
NE8FBV NEUTRIK-NE8FBV Datasheet
99Kb / 3P
Vertical PCB mount RJ45 receptacle, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBV-C5 NEUTRIK-NE8FBV-C5 Datasheet
99Kb / 3P
Vertical PCB mount RJ45 receptacle, CAT5e, B-Series cutout with latch lock, max. panel thickness 3 mm
NE8FBV-C5-S NEUTRIK-NE8FBV-C5-S Datasheet
100Kb / 3P
Vertical PCB mount RJ45 receptacle, CAT5e, shielded, B-Series cutout with latch lock, max. panel thickness 3 mm
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com