công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC2T45 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AXC2T45
Giải thích chi tiết về linh kiện  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T45 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button SN74AXC2T45 Datasheet HTML 17Page - Texas Instruments SN74AXC2T45 Datasheet HTML 18Page - Texas Instruments SN74AXC2T45 Datasheet HTML 19Page - Texas Instruments SN74AXC2T45 Datasheet HTML 20Page - Texas Instruments SN74AXC2T45 Datasheet HTML 21Page - Texas Instruments SN74AXC2T45 Datasheet HTML 22Page - Texas Instruments SN74AXC2T45 Datasheet HTML 23Page - Texas Instruments SN74AXC2T45 Datasheet HTML 24Page - Texas Instruments SN74AXC2T45 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
System
Controller
CPU
B1
VCCA
VCCB
DIR
A1
2.5 V
0.7 V
0.1 µF
0.1 µF
SN74AXC2T45
GND
GPIO1
CAT ERR
B2
A2
GPIO2
PROC HOT
21
SN74AXC2T45
www.ti.com
SCES880B – AUGUST 2019 – REVISED JANUARY 2020
Product Folder Links: SN74AXC2T45
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AXC2T45 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The SN74AXC2T45 device is ideal for use in
applications where a push-pull driver is connected to the data I/Os. The max data rate can be up to 380 Mbps
when device translates a signal from 1.8 V to 3.3 V.
One example application is shown in Figure 10, where the SN74AXC2T45 device is used to translate low voltage
error signals from a CPU to a higher voltage signal to properly drive the inputs of a system controller, thus
alerting the system of any CPU errors such as overheating or other catastrophic processor errors.
9.1.1 Enable Times
Calculate the enable times for the SN74AXC2T45 using the following formulas:
tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
(1)
tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
(2)
tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
(3)
tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
(4)
In a bidirectional application, these enable times provide the maximum delay time from the time the DIR bit is
switched until an output is expected. For example, if the SN74AXC2T45 initially is transmitting from A to B, then
the DIR bit is switched; the B port of the device must be disabled before presenting it with an input. After the B
port has been disabled, an input signal applied to it appears on the corresponding A port after the specified
propagation delay.
9.2 Typical Application
Figure 10. Processor Error Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com