công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

0806068 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 0806068
Giải thích chi tiết về linh kiện  Computer Marking System Engraving System CMS-GRAV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0806068 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  0806068 Datasheet HTML 1Page - PHOENIX CONTACT 0806068 Datasheet HTML 2Page - PHOENIX CONTACT 0806068 Datasheet HTML 3Page - PHOENIX CONTACT 0806068 Datasheet HTML 4Page - PHOENIX CONTACT 0806068 Datasheet HTML 5Page - PHOENIX CONTACT 0806068 Datasheet HTML 6Page - PHOENIX CONTACT 0806068 Datasheet HTML 7Page - PHOENIX CONTACT 0806068 Datasheet HTML 8Page - PHOENIX CONTACT 0806068 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Computer Marking System
Software CMS-MARK-WIN
Description
Professional labeling of systems and control cabinets is
becoming increasingly important. CMS-MARK-WIN 2.0
was developed specially for this task.
Use is made of the advantages of the powerful Windows
NT and Windows 95/98 operating systems.
The marking materials for terminal blocks, conductors,
cables and electrical equipment are labeled with the
labeling module. It is thus possible within just a brief
period, to import and then further process the ASCII-
format labeling as laid down in the CAD/CAE system
during project planning.
For entering data by hand, there are a host of convenient
functions, such as:
– enumeration,
– copy and duplication functions,
– input via variables.
The different marking materials to be labeled can be
changed or added to as desired. Special symbols for
electrical engineering are included as a standard and
can also be altered and added to.
CMS-MARK-WIN 2.0 also includes a comprehensive
graphics module. Using this CAD interface, all kinds of
two-dimensional graphics can be created. For example
to create:
– nameplates,
– frontplates,
– mimic diagrams,
– marker engraving.
The individual objects and steps are generated as
graphics with the aid of a host of graphic functions.
Further special functions are also available:
– barcode,
– linear and circular scaling,
– marking panels on machines,
– circular inscription function,
– path correction with closed elements,
– symmetrical drilling patterns,
– import of graphics.
The entered drawings and graphics are displayed on the
screen in WYSIWYG real graphic form. This makes a
test print unnecessary.
CMS-MARK-WIN 2.0 allows labels to be printed, plot-
ted, cut, milled and drilled. The choice of devices for the
output of the projects is varied:
– CMS thermal transfer printer,
– Laser printer,
– Matrix printer,
– CMS plotter,
– CMS engraving machines.
Phoenix Contact page 2 of 11
All installed output devices are addressed parallel. It is
possible to change to other Windows applications at any
time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11