công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATS674LSETN-HT bảng dữ liệu(PDF) 14 Page - Allegro MicroSystems

tên linh kiện ATS674LSETN-HT
Giải thích chi tiết về linh kiện  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS674LSETN-HT bảng dữ liệu(HTML) 14 Page - Allegro MicroSystems

Back Button ATS674LSETN-HT Datasheet HTML 10Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 11Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 12Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 13Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 14Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 15Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 16Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 17Page - Allegro MicroSystems ATS674LSETN-HT Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Pk4
Pk5
Pk7
Pk9
Pk2
Pk3
Pk1
Pk6
Pk8
BRP1
BOP1
BRP2
BRP3
BOP3
BRP4
BOP4
B
HYS
B
HYS
B
HYS
B
HYS
t+
V+
B
HYS
B
HYS
B
HYS
BOP2
B
HYS
(A) TEAG varying; cases such as
eccentric mount, out-of-round region,
normal operation position shift
(B) Internal analog signal, VPROC,
typically resulting in the sensor
0
360
Target Rotation (°)
Hysteresis Band
(Delimited by switchpoints)
V+
Larger
TEAG
Smaller
TEAG
Sensor
Target
Larger
TEAG
Target
Sensor
Smaller
TEAG
Smaller
TEAG
Figure 9. The Continuous Update algorithm allows the Allegro sensor to immediately interpret and adapt to significant variances in the magnetic field
generated by the target as a result of eccentric mounting of the target, out-of-round target shape, elevation due to lubricant build-up in journal gears, and
similar dynamic application problems that affect the TEAG (Total Effective Air Gap). The algorithm is used to dynamically establish and subsequently
update the device switchpoints (BOP and BRP). The hysteresis, BHYS(#x), at each target feature configuration results from this recalibration, ensuring that
it remains properly proportioned and centered within the peak-to-peak range of the internal analog signal, VPROC.
As shown in panel A, the variance in the target position results in a change in the TEAG. This affects the sensor as a varying magnetic field, which
results in proportional changes in the internal analog signal, VPROC, shown in panel B. The Continuous Update algorithm is used to establish accurate
switchpoints based on the fluctuation of VPROC, as shown in panel C.
(C) Referencing the internal analog signal, VPROC, to continuously update device response
Switchpoint
Determinant
Peak Values
BOP1
Pk1, Pk2
BRP1
Pk2, Pk3
BOP2
Pk3, Pk4
BRP2
Pk4, Pk5
BOP3
Pk5, Pk6
BRP3
Pk6, Pk7
BOP4
Pk7, Pk8
BRP4
Pk8, Pk9
Update
The ATS673 and ATS674 incorporate an algorithm that continu-
ously monitors the system and updates the switching thresholds
accordingly. The switchpoint for each transition is determined
by the previous two transitions. Because variations are tracked
in real time, the sensor has high immunity to target run-out and
retains excellent accuracy and functionality in the presence of
both run-out and transient mechanical events. Figure 9 shows
how the devices use historical data to provide the switching
thresholds for a given edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com