| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS642LSHTN-I2-T bảng dữ liệu(PDF) 15 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS642LSHTN-I2-T bảng dữ liệu(HTML) 15 Page - Allegro MicroSystems |
|
15 / 16 page ![]() 15 ATS642LSH-DS Worcester, Massachusetts 01615-0036 (508) 853-5000 115 Northeast Cutoff, Box 15036 www.allegromicro.com Allegro MicroSystems, Inc. True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor ATS642LSH Package SH Module 1.08 .043 8.0 .315 5.5 .217 0.43 .017 0.38 .015 5.0 .244 5.8 .228 4.0 .157 1.7 .067 1 .039 0.6 .024 0.6 .024 1.27 .050 20.95 .825 13.05 .514 Dimensions in millimeters. Untoleranced dimensions are nominal. U.S. Customary dimensions (in.) in brackets, for reference only 24 3 1 A A A B C C D D B Dambar removal protrusion (16X) Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Active Area Depth Thermoplastic Molded Lead Bar for alignment during shipment E E E 0.75 .0295 0.75 .0295 Hall elements (2X) not to scale; controlling dimension inches E |