| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT2X bảng dữ liệu(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HT2X bảng dữ liệu(HTML) 3 Page - NXP Semiconductors |
|
3 / 9 page ![]() HT2X_SDS All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product short data sheet COMPANY PUBLIC Rev. 3.1 — 3 November 2014 210431 3 of 9 NXP Semiconductors HT2x HITAG 2 transponder IC 6. Block diagram The HITAG 2 transponder IC requires no external power supply. The contactless interface generates the power supply and the system clock via the resonant circuitry by inductive coupling to the RWD. The interface also demodulates data transmitted from the RWD to the HITAG 2 transponder IC, and modulates the magnetic field for data transmission from the HITAG 2 transponder IC to the RWD. Data are stored in a non-volatile memory (EEPROM). The memory has a capacity of 256 bit and is organized in pages. Fig 1. Block diagram of HITAG 2 transponder IC 001aao244 CLK MOD DEMOD VREG VDD data in data out clock R/W ANALOGUE RF INTERFACE PAD PAD RECT Cres DIGITAL CONTROL TRANSPONDER READ/WRITE CONTROL ACCESS CONTROL EEPROM INTERFACE CONTROL RF INTERFACE CONTROL EEPROM SEQUENCER CHARGE PUMP |