công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P3100LC bảng dữ liệu(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

tên linh kiện P3100LC
Giải thích chi tiết về linh kiện  Thyristor Surge Suppressors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Trang chủ  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P3100LC bảng dữ liệu(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P3100LC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd P3100LC Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Thyristor Surge Suppressors
P0060~P3500LA_B_C Series
Figure 1.E
xamples of protection stages for line cards
In such a stage, parallel function is assumed by one or several Trisil, and is used to protect
against short duration surge (lightning). During this kind of surges the Trisil limits the voltage
across the device to be protected at its break over value and then fires. The fuse assumes
the series function, and is used to protect the module against long duration or very high
current mains disturbances (50/60Hz). It acts by safe circuit opening. Lightning surge and
mains disturbance surges are defined by standards like GR1089, FCC part 68, ITU-T K20.
Figure 2. Typical circuits
Line
Ring
relay
Line
l
a
n
i
m
r
e
t
r
o
d
r
a
c
e
n
il
L
S
D
x
.
x
E
d
r
a
c
e
n
il
g
o
l
a
n
A
.
x
E
Fuse TCP 1.25A
T1
T2
Typical circuit for subscriber side
Fuse TCP 1.25A
Tip S
Gnd
Ring S
Fuse TCP 1.25A
Tip L
Gnd
Ring L
Typical circuit for central office side
5



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com