| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV8237T bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8237T bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 149 page ![]() PRELIMINARY DATA February 2005 1/149 ® Rev. 3 Key Features ■ Full-Automatic Multi-Standard Demodulation ● B / G / I / L / M / N / D / K Standards ● Mono AM and FM ● FM 2-Carrier (German and Korean Zweiton) and NICAM ■ Multi-Channel Capability ● 3 I²S digital inputs, S/PDIF (in/out) ● 5.1 analog outputs ● Dolby ® Pro Logic® ● Dolby ® Pro Logic II® ■ Sound Processing ● ST royalty-free processing: ST WideSurround, ST OmniSurround, ST Dynamic Bass, SRS ® WOW™, SRS ® TruSurround XT™ which is Virtual Dolby® Surround and Virtual Dolby ® Digital compliant ● Independent Volume / Balance for Loudspeakers and Headphone ● Loudspeakers: Smart Volume Control (SVC), 5-band equalizer and loudness ● Headphone: Smart Volume Control (SVC), Bass- Treble, Loudness and SRS ® TruBass™ ■ Analog Audio Matrix ● 4 stereo inputs ● 3 stereo outputs ● THRU mode ■ Audio Delay for Audio Video Synchronization ● Embedded stereo delay up to 120 ms for lip-sync function (up to 180 ms for tuner input) ● Independent delay on headphone and loudspeaker channels The STV82x7 family, based on audio digital signal processors (DSP), performs high quality and advanced dedicated digital audio processing.These devices provide all of the necessary resources for automatic detection and demodulation of analog audio transmissions for European and Asian terrestrial TV broadcasts. Virtual or true, multi-channel capabilities and easy digital links make them ideal for digital audio low cost consumer applications. Starting from enhanced stereo up to independent control of 5 loudspeakers and a subwoofer (5.1 channels), the STV82x7 family offers standard and advanced features plus sound enhancements, spatial and virtual effects to enhance television viewer comfort and entertainment. Typical Applications ● Analog and digital TV with virtual surround sound ● Analog and digital TV with multi-channel surround sound ● DVD and HDD recorders ● “Palm size” portable TV ® ST V8 2x 7 © 2004 SRS Labs, Inc. All rights reserved, SRS and the SRS logo are registered trademarks of SRS Labs, Inc. “Dolby”, “Pro Logic”, and the double-D symbol are trademarks of Dolby Laboratories. STV82x7 Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders |
Số phần tương tự - STV8237T |
|
Mô tả tương tự - STV8237T |