| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV82X7 bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV82X7 bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 149 page ![]() General Description STV82x7 12/149 Figure 4: STV8257 Typical Application (Digital: Virtual Sound) Figure 5: STV8277 Typical Application (Digital TV: Multi-Channel and Virtual Sound) or Tuner STV8257 Multistandard Demodulation Audio Processing - Volume, Balance, 5-Band Equalizer - SRS ® TruSurround XT™ - Virtual Dolby ® Surround1 Multi-Channel Digital Decoder Left Right I²S - FM 2-carrier and NICAM S/PDIF Pass-thru - Virtual Dolby ® Digital2 R SubW L (Dolby ® Digital) - ST OmniSurround 1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, a Pro Logic ® decoder is mandatory. 2. When using VDD with ST OmniSurround or SRS TruSurround XTTM, a Dolby ® Digital decoder is mandatory. or Tuner STV8277 Multistandard Demodulation Audio Processing - Volume, Balance, 5-Band Equalizer Left Right S/PDIF Pass-thru I²S - FM 2-carrier and NICAM - Dolby ® Pro Logic II® - 5.1 Analog Outputs R SubW L C LS RS - SRS ® TruSurround XT™ - Virtual Dolby ® Surround1 - Virtual Dolby ® Digital2 Multi-Channel Digital Decoder (Dolby ® Digital) 1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, a Pro Logic ® decoder is mandatory. 2. When using VDD with ST OmniSurround or SRS TruSurround XTTM, a Dolby ® Digital decoder is mandatory. |