công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZV2M1206151HT bảng dữ liệu(PDF) 21 Page - Bourns Electronic Solutions

tên linh kiện ZV2M1206151HT
Giải thích chi tiết về linh kiện  Low Voltage, High Temperature Varistors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BOURNS [Bourns Electronic Solutions]
Trang chủ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ZV2M1206151HT bảng dữ liệu(HTML) 21 Page - Bourns Electronic Solutions

Back Button ZV2M1206151HT Datasheet HTML 15Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 16Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 17Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 18Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 19Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 20Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 21Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 22Page - Bourns Electronic Solutions ZV2M1206151HT Datasheet HTML 23Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Reliability Testing Procedures (Continued)
Reliability Parameter
Test
Tested According to
Condition to be
Satisfied after
Testing
Mechanical Reliability
Solderability
CECC 42200, Test 4.10.1, Test Ta, IEC 68-2-20 solder bath
and reflow method
Solderable at
shipment and after
2 years of storage,
criteria: >95% must
be covered by solder
for reflow meniscus
Resistance to
Soldering Heat
CECC 42200, Test 4.10.2, Test Tb, IEC 68-2-20 solder bath
nad reflow method
|δVn (1 mA)| < 5 %
Terminal Strength JIS-C-6429, App. 1, 18N for 60 sec. - same for AEC-Q200
Test 22
No visual damage
Board Flex
JIS-C-6429, App. 2, 2 mm min.
AEC-Q200 test 21 - Board flex: 2 mm flex min.
|δVn (1 mA)| < 2 %
No visible damage
Vibration
CECC 42200, Test 4.15, Test Fc, IEC 68-2-6,
AEC-Q200 Test 14
Frequency range 10 to 55 Hz (AEC: 10-2000 Hz)
Amplitude 0.75 m/s2 or 98 m/s2 (AEC: 5 g for 20 minutes) To-
tal duration 6 h (3x2 h) (AEC: 12 cycles each of 3 directions)
Waveshape - half sine
|δVn (1 mA)| < 2 %
No visible damage
Mechanical Shock
CECC 42200, Test 4.14, Test Ea, IEC 68-2-27, AEC-Q200
Test 13.
Acceleration = 490 m/s2 (AEC: MIL-STD-202-Method 213),
Pulse duration = 11 ms,
Waveshape - half sine; Number of shocks = 3x6
|δVn (1 mA)| < 10 %
No visible damage
Electrical Transient
Conduction
ISO-7637-1 Pulses AEC-Q200 Test 30: Test pulses 1 to 3.
Also other pulses - freestyle.
|δVn (1 mA)| < 10 %
No visible damage
3312 - 2 mm SMD Trimming Potentiometer
ZVHT SMD Series - Low Voltage, High Temperature Varistors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
How to Order
ZV20K1210401NIR1HT
Series Designator
ZV = ZVHT Series
Maximum Continuous Working Voltage (Vrms)
Vn Tolerance
K = ± 10%, M = ± 20%
Model Size
• 0603
• 1206
• 1812
• 0805
• 1210
• 2220
Maximum Surge Current
• 300 = 30 A
• 251 = 250 A
• 801 = 800 A
• 101 = 100 A • 401 = 400 A
• 102 = 1000 A
• 151 = 150 A • 501 = 500 A
• 122 = 1200 A
End Terminations
• NI = NiSn barrier type end terminations suitable for Pb and Pb-free reflow soldering
Packaging
R1 = Reel 180 mm
Special Requirements
• HT = High Temperature
Typical Part Marking
No marking.
Instructions for Creating Orderable
Part Number:
1) Start with base part number in
characteristics table (example:
ZV20K1210401).
2) Add End Termination: NI standard
(example part number becomes
ZV20K1210401NI).
3) Add Packaging: R1 (example
part number becomes
ZV20K1210401NIR1).
4) Add High Temperature Special
Requirement: HT (example part
number becomes
ZV20K1210401NIR1HT).
4) Part number can have no spaces or
lower case letters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com