| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRF7413ZPBF bảng dữ liệu(PDF) 1 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF7413ZPBF bảng dữ liệu(HTML) 1 Page - International Rectifier |
|
1 / 10 page ![]() www.irf.com 1 6/30/05 IRF7413ZPbF HEXFET® Power MOSFET Notes through are on page 10 Benefits l Ultra-Low Gate Impedance l Very Low RDS(on) l Fully Characterized Avalanche Voltage and Current l 100% Tested for RG l Lead-Free Applications l Control FET for Notebook Processor Power l Control and Synchronous Rectifier MOSFET for Graphics Cards and POL Converters in Computing, Networking and Telecommunication Systems Top View 8 1 2 3 4 5 6 7 D D D D G S A S S A SO-8 Absolute Maximum Ratings Parameter Units VDS Drain-to-Source Voltage V VGS Gate-to-Source Voltage ID @ TA = 25°C Continuous Drain Current, VGS @ 10V ID @ TA = 70°C Continuous Drain Current, VGS @ 10V A IDM Pulsed Drain Current c PD @TA = 25°C Power Dissipation W PD @TA = 70°C Power Dissipation Linear Derating Factor W/°C TJ Operating Junction and °C TSTG Storage Temperature Range Thermal Resistance Parameter Typ. Max. Units RθJL Junction-to-Drain Lead ––– 20 °C/W RθJA Junction-to-Ambient f ––– 50 -55 to + 150 2.5 0.02 1.6 Max. 13 10 100 ± 20 30 VDSS RDS(on) max ID 30V 10m :@VGS = 10V 13A PD - 95335B |
Số phần tương tự - IRF7413ZPBF |
|
Mô tả tương tự - IRF7413ZPBF |