| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AFD4400 bảng dữ liệu(PDF) 32 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
AFD4400 bảng dữ liệu(HTML) 32 Page - NXP Semiconductors |
|
32 / 101 page ![]() AFD4400 Digital Front End Processor Data Sheet, Rev. 0 Pinout list Freescale Semiconductor 32 MVDD Supply group MVDD AD18,AD20,AD22,AE19,AE21,AF20,AF22,A G21,AG22,AK18,AK20,AK22,AL24,AM21,A M22,AN19,AN22,AP24 MVDD1_8 Supply group MVDD1_8 AE18,AE23 SD1_XCOREVDD Supply group SD1_XCOREVDD AA13,AB13,AC13,AD13,Y13 SD1_XCOREVSS Supply group SD1_XCOREVSS AA10,AA3,AB1,AB10,AB11,AB12,AB2,AB3,A B9,AC10,AC3,AD1,AD11,AD12,AD2,AD3,AE 10,AE12,AE3,AF1,AF10,AF11,AF2,AF3,AF9, AG3,AH1,AH2,AH3,AJ3,AK1,AK2,AK3,AL3, AM1,AM2,AM3,AN3,AP2,AP3,W3,W4,W5,W 7,Y1,Y10,Y2,Y3 SD1_XPADVDD Supply group SD1_XPADVDD AA8,AB8,AC8,AD8,AE8,AF8,AG8,AH8,AJ8 SD1_XPADVSS Supply group SD1_XPADVSS AA6,AA7,AB4,AB5,AC6,AC7,AD4,AD5,AE6, AE7,AF4,AF5,AG6,AG7,AH4,AH5,AJ4,AJ5,A J6,AJ7,Y4,Y5,Y6 SD1_AVDD_PLL1 PLL1 Supply AA9 SD1_AVSS_PLL1 PLL1 Supply Y8 SD1_AVDD_PLL2 PLL2 supply AD9 SD1_AVSS_PLL2 PLL2 supply AC9 SD2_XCOREVDD Supply group SD2_XCOREVDD R13,T13,U13,V13,W13 SD2_XCOREVSS Supply group SD2_XCOREVSS H1,H2,H3,J3,K1,K2,K3,L3,L4,L5,M1,M2,M3, M5,N3,N4,N5,N6,N7,N8,P1,P2,P3,P4,P8,R1 0,R11,R12,R3,R9,T1,T10,T2,T3,T9,U11,U12, U3,U4,V1,V10,V2,V5,W11,W12,W9 SD2_XPADVDD Supply group SD2_XPADVDD R8,T8,U8,V8 SD2_XPADVSS Supply group SD2_XPADVSS R4,R5,R6,T6,T7,U5,V6,V7 SD2_AVDD_PLL1 PLL1 Supply U9 SD2_AVSS_PLL1 PLL1 Supply V9 SD2_AVDD_PLL2 PLL2 supply P6 SD2_AVSS_PLL2 PLL2 supply R7 SD3_XCOREVDD Supply group SD3_XCOREVDD K23,L23,M23,N23,P23,R23,T23 SD3_XCOREVSS Supply group SD3_XCOREVSS D32,D33,D34,E32,F32,F33,F34,G32,H23,H2 4,H25,H26,H32,H33,H34,J23,J25,J32,K24,K 32,K33,K34,L24,L25,L32,M26,M32,M33,M34 ,N24,N25,N28,N29,N30,N32,P26,P27,P30,P 31,P32,R26,R27,T24,T25,T26,T27 SD3_XPADVDD Supply group SD3_XPADVDD E27,F27,G27,H27,J27,K27,L27 SD3_XPADVSS Supply group SD3_XPADVSS E28,E29,E30,F30,F31,G28,G29,H30,H31,J2 8,J29,K30,K31,L28,L29,M29,M30,M31 SD3_AVDD_PLL1 PLL1 Supply M27 SD3_AVSS_PLL1 PLL1 Supply N27 SD3_AVDD_PLL2 PLL2 supply K25 SD3_AVSS_PLL2 PLL2 supply K26 TVDD Supply group TVDD AB25,AC25,AD25,AE25 TVDD1_8 Supply group TVDD1_8 AD26,AD27 Table 1. AFD4400 Pinout Signal Description Package Pin Pin Type Power Supply |